Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PIC16F722AT-E/SP Arkusz danych(PDF) 15 Page - Microchip Technology

Numer części PIC16F722AT-E/SP
Szczegółowy opis  28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722AT-E/SP Arkusz danych(HTML) 15 Page - Microchip Technology

Back Button PIC16F722AT-E/SP Datasheet HTML 11Page - Microchip Technology PIC16F722AT-E/SP Datasheet HTML 12Page - Microchip Technology PIC16F722AT-E/SP Datasheet HTML 13Page - Microchip Technology PIC16F722AT-E/SP Datasheet HTML 14Page - Microchip Technology PIC16F722AT-E/SP Datasheet HTML 15Page - Microchip Technology PIC16F722AT-E/SP Datasheet HTML 16Page - Microchip Technology PIC16F722AT-E/SP Datasheet HTML 17Page - Microchip Technology PIC16F722AT-E/SP Datasheet HTML 18Page - Microchip Technology PIC16F722AT-E/SP Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 284 page
background image
 2010 Microchip Technology Inc.
DS41417A-page 15
PIC16F/LF722A/723A
2.0
MEMORY ORGANIZATION
2.1
Program Memory Organization
The PIC16F/LF722A/723A has a 13-bit program
counter capable of addressing a 2K x 14 program
memory space for the PIC16F/LF722A (0000h-07FFh)
and a 4K x 14 program memory space for the
PIC16F/LF723A (0000h-0FFFh). Accessing a location
above the memory boundaries for the PIC16F/LF722A
will cause a wrap-around within the first 2K x 14
program memory space. Accessing a location above
the memory boundaries for the PIC16F/LF723A will
cause a wrap-around within the first 4K x 14 program
memory space. The Reset vector is at 0000h and the
interrupt vector is at 0004h.
FIGURE 2-1:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC16F/LF722A
FIGURE 2-2:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC16F/LF723A
PC<12:0>
13
0000h
0004H
Stack Level 1
Stack Level 8
RESET Vector
Interrupt Vector
CALL, RETURN
RETFIE, RETLW
Stack Level 2
0005h
On-chip
Program
Memory
Page 0
07FFh
Wraps to Page 0
Wraps to Page 0
Wraps to Page 0
0800h
0FFFh
1000h
17FFh
1800h
1FFFh
PC<12:0>
13
0000h
0004H
Stack Level 1
Stack Level 8
RESET Vector
Interrupt Vector
CALL, RETURN
RETFIE, RETLW
Stack Level 2
0005h
On-chip
Program
Memory
Page 0
Page 1
07FFh
0800h
0FFFh
Wraps to Page 0
Wraps to Page 1
1000h
17FFh
1800h
1FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More