Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LT3579 Arkusz danych(PDF) 12 Page - Linear Technology

Numer części LT3579
Szczegółowy opis  6A Boost/Inverting DC/DC Converter with Fault Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LT3579 Arkusz danych(HTML) 12 Page - Linear Technology

Back Button LT3579 Datasheet HTML 8Page - Linear Technology LT3579 Datasheet HTML 9Page - Linear Technology LT3579 Datasheet HTML 10Page - Linear Technology LT3579 Datasheet HTML 11Page - Linear Technology LT3579 Datasheet HTML 12Page - Linear Technology LT3579 Datasheet HTML 13Page - Linear Technology LT3579 Datasheet HTML 14Page - Linear Technology LT3579 Datasheet HTML 15Page - Linear Technology LT3579 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
LT3579/LT3579-1
12
35791f
OPERATION
When a fault is detected, in addition to the FAULT pin
being pulled low internally, the LT3579 also disables
its CLKOUT pin, turns off its power switches, and the
GATE pin becomes high impedance (refer to the State
Diagram). The external PMOS, M1, turns off when the
gate of M1 is pulled up to its source by the external
RGATE resistor (see Block Diagram) With the external
PMOS turned off, the power path from VIN to VOUT is
cut off, protecting power components downstream.
At the same time, a timeout sequence commences where
the SS pin is charged up to 1.8V (the SS pin will continue
charging up to ~2.1V and be held there in the case of
a FAULT1 event still existing), and then discharged to
50mV. This timeout period relieves the part, the PMOS,
and other downstream power components from electrical
and thermal stress for a minimum amount of time as set
by the voltage ramp rate on the SS pin.
In the absence of faults, the FAULT pin is pulled high by
the external RFAULT resistor (typically 100k). Figures 4
and 5 show the events that accompany the detection of
an output short on the LT3579.
Figure 4. Output Short Circuit Protection of the LT3579
10μs/DIV
VOUT
10V/DIV
IL
5A/DIV
FAULT
5V/DIV
CLKOUT
2V/DIV
35791 F04
50ms/DIV
SS
2V/DIV
IL
5A/DIV
FAULT
5V/DIV
GATE
5V/DIV
35791 F05
Figure 5. Continuous Output Short Showing FAULT Timeout Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com