Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LT3579 Arkusz danych(PDF) 23 Page - Linear Technology

Numer części LT3579
Szczegółowy opis  6A Boost/Inverting DC/DC Converter with Fault Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LT3579 Arkusz danych(HTML) 23 Page - Linear Technology

Back Button LT3579 Datasheet HTML 19Page - Linear Technology LT3579 Datasheet HTML 20Page - Linear Technology LT3579 Datasheet HTML 21Page - Linear Technology LT3579 Datasheet HTML 22Page - Linear Technology LT3579 Datasheet HTML 23Page - Linear Technology LT3579 Datasheet HTML 24Page - Linear Technology LT3579 Datasheet HTML 25Page - Linear Technology LT3579 Datasheet HTML 26Page - Linear Technology LT3579 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
LT3579/LT3579-1
23
35791f
APPLICATIONS INFORMATION
VIN
12V
VOUT2
100V
200mA
VOUT1
67V
100mA
10μH
4.7μF
4.7μF
6.8μF
4.7μF
4.7μF
6.8μF
100k
10μF
SW1 SW2
VIN
FB
CLKOUT
VC
SS
GND
GATE
FAULT
SYNC
RT
SHDN
LT3579
3579 F16
383k
6.5k
34k
470pF
2.2μF
27pF
86.6k
536k
VIN
Figure 16. High VOUT Charge Pump Topology
VIN
CIN
CSS
CF
CC
RC
–VOUT
SW1
SW2
VIN
FB
CLKOUT
VC
SS
GND
GATE
SHDN
FAULT
SYNC
RT
LT3579
COUT
100k
L1
D1
D2
D3
C1
RFB
3579 F15
RT
HOT PLUG
The high inrush current associated with hot-plugging VIN
can be largely rejected with the use of an external PMOS. A
simple hot-plug controller can be designed by connecting
an external PMOS in series with VIN, with the gate of the
PMOS being driven by the GATE pin of the LT3579. Since
the GATE pin pull-down current is linearly proportional to
the SS voltage, and the SS charge up time is relatively slow,
the GATE pin pull-down current will increase gradually,
thereby turning on the external PMOS slowly. Controlled
in this manner, the PMOS acts as an input current limiter
when VIN hot-plugs or ramps up sharply.
Likewise, when the PMOS is connected in series with the
output, inrush currents into the output capacitor can be
limited during a hot-plug event. To illustrate this, the circuit
in Figure 6 was re-configured by adding a large 1500μF
capacitor to the output. An 18Ω resistive load was used
and a 2.2μF capacitor was placed on SS. Figure 14 shows
the result of hot-plugging this re-configured circuit. The
inductor current is well behaved and VOUT comes up once
VIN settles out.
Figure 15. Single Inductor Inverting Topology
Figure 14. VIN Hot-Plug Control. Inrush Current is Well Controlled
1s/DIV
VIN
5V/DIV
VOUT
10V/DIV
IL
5A/DIV
SS
1V/DIV
3579 F14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com