| Zakładka z wyszukiwarką danych komponentów |
|
STM6510VCACDG6F Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6510VCACDG6F Arkusz danych(HTML) 1 Page - STMicroelectronics |
|
1 / 26 page ![]() February 2010 Doc ID 16788 Rev 2 1/26 1 STM6510 Dual push-button Smart ResetTM with capacitor-adjustable delays Features ■ Dual Smart Reset™ push-button inputs with capacitor-adjustable extended reset setup delay (tSRC) ■ Capacitor-adjustable reset pulse duration (tREC) ■ Power-on reset –RST active-low, open-drain ■ Factory-programmable thresholds to monitor VCC in the range of 1.575 to 4.625 V typ. ■ Operating voltage 1.0 V (active-low output valid) to 5.5 V ■ Low supply current (1.4 µA) ■ Operating temperature: industrial grade –40 °C to +85 °C ■ TDFN8 package: 2 mm x 2 mm x 0.75 mm ■ RoHS compliant Applications ■ Mobile phones, smartphones ■ e-books ■ MP3 players ■ Games ■ Portable navigation devices ■ Any application that requires delayed reset push-button(s) response for improved system stability TDFN8 (DG) 2 mm x 2 mm www.st.com |
Podobny numer części - STM6510VCACDG6F |
|
Podobny opis - STM6510VCACDG6F |