Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S5000PAL Arkusz danych(PDF) 8 Page - Intel Corporation

Numer części S5000PAL
Szczegółowy opis  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTEL [Intel Corporation]
Strona internetowa  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Arkusz danych(HTML) 8 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 4Page - Intel Corporation S5000PAL Datasheet HTML 5Page - Intel Corporation S5000PAL Datasheet HTML 6Page - Intel Corporation S5000PAL Datasheet HTML 7Page - Intel Corporation S5000PAL Datasheet HTML 8Page - Intel Corporation S5000PAL Datasheet HTML 9Page - Intel Corporation S5000PAL Datasheet HTML 10Page - Intel Corporation S5000PAL Datasheet HTML 11Page - Intel Corporation S5000PAL Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 112 page
background image
Intel® Server Board S5000PAL / S5000XAL TPS
List of Tables
Revision 1.7
Intel order number: D31979-010
ix
List of Tables
Table 1. I2C Addresses for Memory Module SMB ..................................................................... 27
Table 2. Maximum 8 DIMM System Memory Configuration – x8 Single Rank ........................... 28
Table 3. Maximum 8 DIMM System Memory Configuration – x4 Dual Rank .............................. 28
Table 4. PCI Bus Segment Characteristics................................................................................. 33
Table 5. Video Modes ................................................................................................................. 37
Table 6. NIC2 Status LED........................................................................................................... 38
Table 7. Serial A Header Pin-out ................................................................................................39
Table 8. Rear Serial B Port Adapter Pin-out ............................................................................... 40
Table 9. Board Connector Matrix ................................................................................................43
Table 10. Power Connector Pin-out (J3K3) ................................................................................ 44
Table 11. 12V Power Connector Pin-out (J3K4)......................................................................... 44
Table 12. Power Supply Signal Connector Pin-out (J1K1) ......................................................... 44
Table 13. Intel® RMM Connector Pin-out (J1C5) ........................................................................ 45
Table 14. 30-pin Intel® RMM NIC Module Connector Pin-out (J1B2) ......................................... 46
Table 15. LPC/AUX IPMB Header Pin-out (J1C2) ...................................................................... 47
Table 16. IPMB Header Pin-out (J1C3) ...................................................................................... 47
Table 17. Low-profile Riser Slot Pin-out (J5B1).......................................................................... 47
Table 18. Full-height Riser Slot Pin-out (J4F1)........................................................................... 48
Table 19. Front Panel SSI Standard 24-pin Connector Pin-out (J3H2) ...................................... 52
Table 20. 120-pin Bridgeboard Connector Pin-out (J4G1) ......................................................... 52
Table 21. VGA Connector Pin-out (J6A1)................................................................................... 54
Table 22. RJ-45 10/100/1000 NIC Connector Pin-out (JA8A1, JA8A2)...................................... 54
Table 23. 44-pin IDE Connector Pin-out (J3G1) ......................................................................... 55
Table 24. 50-pin Intel® I/O Expansion Module Connector Pin-out (J3B1)................................... 56
Table 25. SATA Connector Pin-out (J1H1, J1G2, J1G1, J1F2, J1E3) ....................................... 56
Table 26. External RJ-45 Serial ‘B’ Port Pin-out (J9A2) ............................................................. 57
Table 27. Internal 9-pin Serial ‘A’ Header Pin-out (J1B1) ........................................................... 57
Table 28. Stacked PS/2 Keyboard and Mouse Port Pin-out (J9A1) ........................................... 57
Table 29. External USB Connector Pin-out (J5A1, J6A2)........................................................... 58
Table 30. Internal USB Connector Pin-out (J1J1)....................................................................... 58
Table 31. SSI Fan Connector Pin-out (J9K1,J5K1,J3K1,J3K2,J7A2,J7A1) ............................... 59
Table 32. Recovery Jumpers (J1D1, J1D2, J1D3) ..................................................................... 60
Table 33: Server Board Design Specifications ........................................................................... 69
Table 34. Dual-Core Intel® Xeon® Processor 5000 Sequence TDP Guidelines per processor .. 70
Table 35. 600W Load Ratings .................................................................................................... 71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More