| Zakładka z wyszukiwarką danych komponentów |
|
TLE7243SL Arkusz danych(PDF) 12 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7243SL Arkusz danych(HTML) 12 Page - Infineon Technologies AG |
|
12 / 28 page ![]() SPI Driver for Enhanced Relay Control SPIDER - TLE7243SL Input and Power Stages Datasheet 12 Rev. 1.0, 2009-09-30 Figure 4 Input matrix and logic The current sink to ground ensures that the channels switch off in case of open input pin. The zener diode protects the input circuit against ESD pulses. After power-on reset, the device enters idle mode (all channel OFF). 5.2.1 Inductive Output Clamp When switching off inductive loads, the potential at pin OUT rises to VDS(CL) potential, because the inductance intends to continue driving the current. The voltage clamping is necessary to prevent destruction of the device, see Figure 5 for details. Nevertheless, the maximum allowed load inductance is limited. InputLogic.emf IIN 3 IN3 IIN 2 IN2 I IN 1 IN1 Channel 8 LHI IN8 OFF OFF OFF Channel 7 LHI IN7 OFF OFF OFF Channel 6 LHI IN6 OFF OFF OFF Channel 5 LHI IN5 OFF OFF OFF Channel 2 LHI IN2 OFF OFF Channel 3 LHI IN3 OFF OFF Channel 4 LHI IN4 OFF OFF IIN 4 IN4 Channel 1 LHI IN1 OFF IN1 IN2 IN3 IN4 ON ON ON ON OFF ON ON ON ON ILHI LHI LHI |