Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P6KE6V8A Arkusz danych(PDF) 3 Page - Diodes Incorporated

Numer części P6KE6V8A
Szczegółowy opis  600W TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

P6KE6V8A Arkusz danych(HTML) 3 Page - Diodes Incorporated

  P6KE6V8A_10 Datasheet HTML 1Page - Diodes Incorporated P6KE6V8A_10 Datasheet HTML 2Page - Diodes Incorporated P6KE6V8A_10 Datasheet HTML 3Page - Diodes Incorporated P6KE6V8A_10 Datasheet HTML 4Page - Diodes Incorporated P6KE6V8A_10 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P6KE6V8(C)A - P6KE400(C)A
Document number: DS21502 Rev. 18 - 2
3 of 5
www.diodes.com
March 2010
© Diodes Incorporated
P6KE6V8(C)A - P6KE400(C)A
t, TIME (ms)
Fig. 1 Pulse Waveform
1
10
100
1,000
10
100
1,000
10,000
V
, REVERSE STANDOFF VOLTAGE (V)
RWM
Fig. 2 Typical Total Capacitance
Measured at
Stand-off Voltage
Measured at
Zero Bias
T = 25°C
j
f = 1.0 MHz
V
= 50mV p-p
sig
0.1
1.0
0.1
10
100
1.0
10
100
1,000
10,000
Impulse
T = 25°C
C
10 X 1000 Waveform
as defined by REA
0
25
50
75
100
125
150
175
200
100
75
50
25
0
T , AMBIENT TEMPERATURE (°C)
Fig. 4 Pulse Derating Curve
A
0
25
50
75
100
125
150
175
200
0
1.25
2.5
3.75
5.0
T , LEAD TEMPERATURE (°C)
Fig. 5, Steady State Power Derating
L
Single phase
half-wave 60Hz
resistive or
inductive load
0
10
100
1,000
110
100
200
NUMBER OF CYCLES AT 60Hz
Fig. 6 Peak Forward Surge Current
vs. Number of Cycles at 60Hz



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com