Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P6KE6V8A Arkusz danych(PDF) 4 Page - Diodes Incorporated

Numer części P6KE6V8A
Szczegółowy opis  600W TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

P6KE6V8A Arkusz danych(HTML) 4 Page - Diodes Incorporated

  P6KE6V8A_10 Datasheet HTML 1Page - Diodes Incorporated P6KE6V8A_10 Datasheet HTML 2Page - Diodes Incorporated P6KE6V8A_10 Datasheet HTML 3Page - Diodes Incorporated P6KE6V8A_10 Datasheet HTML 4Page - Diodes Incorporated P6KE6V8A_10 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P6KE6V8(C)A - P6KE400(C)A
Document number: DS21502 Rev. 18 - 2
4 of 5
www.diodes.com
March 2010
© Diodes Incorporated
P6KE6V8(C)A - P6KE400(C)A
Ordering Information (Note 4)
Part Number
Case
Packaging
(Type Number)-B*
DO-15
500/Bulk
(Type Number)-T*
DO-15
4K/Tape & Reel, 13-inch
* Add "-B" or "-T" to the appropriate type number in Table 1 for Bulk or Tape & Reel, respectively. Example: 6.40V VRWM = P6KE7V5A-B for Bulk, P6KE7V5A-T for
Tape & Reel.
Notes:
4. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02008.pdf.
Package Outline Dimensions
DO-15
Dim
Min
Max
A
25.40
B
5.50
7.62
C
0.686
0.889
D
2.60
3.60
All Dimensions in mm



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com