Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OCXO-25 Arkusz danych(PDF) 1 Page - PETERMANN-TECHNIK

Numer części OCXO-25
Szczegółowy opis  HIGH RELIABILITY FOR LOW COST AGING OF -0.001 PPM/DAY IN COMPACT PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PETERMANN [PETERMANN-TECHNIK]
Strona internetowa  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

OCXO-25 Arkusz danych(HTML) 1 Page - PETERMANN-TECHNIK

  OCXO-25 Datasheet HTML 1Page - PETERMANN-TECHNIK OCXO-25 Datasheet HTML 2Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
- HIGH RELIABILITY FOR LOW COST
- AGING OF +-0.001 PPM/DAY IN COMPACT PACKAGE
- SHORT WARM-UP TIME AND EXCELLEN RETRACE BEHAVIOR
- LOW POWER CONSUMPTION AND EXCELLENT PHASE NOISE PARAMETERS
- PCS AND CELLULAR BASE STATIONS, SYNTHESIZER, DIGITAL SWITCHING, MEASUREMENT EQUIPMENT
SERIES
PACKAGE
FREQUENCY ACCURACY
VS. AGING AT-CUT
VS. AGING SC-CUT
VS. LOAD
VS. SUPPLY VOLTAGE
VS. TEMPERATURE
OPERATING TEMPERATURE RANGE
STORAGE TEMPERATURE RANGE
AT-CUT
SC-CUT
AT-CUT
SC-CUT
CONTROL VOLTAGE
SLOPE
LINEARITY
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz
TABLE 1 - FREQUENCY STABILITY VS. TEMPERATURE
CODE
TEMPERATURE RANGE
A
0/+50°C
B
0/+50°C
C
-20/+70°C
D
-20/+70°C
E
-40/+75°C
F
-40/+75°C
- EXTENDED TEMPERATURE RANGE TO -40/+75°C
1.2 W max. @ 25°C
+5.0 VDC +-5% / +12 VDC +-5%
FREQUENCY RANGE
1.0 ~ 100.0 MHz
3.6 W max. during warm-up
OCXO-25
25.4 x 25.4 x 15 mm³
see table 1
+-0.1 PPM (control voltage centered)
see table 2
+-10%
+-5.0 ppm
0 ~ 5 VDC
-120 dBc/Hz
-150 dBc/Hz
OUTPUT SIGNAL AND LOAD CHARACTERISTICS
FREQUENCY STABILITY VS. TEMPERATURE
SUPPLY VOLTAGE
CURRENT CONSUMPTION
POSITIVE
FREQUENCY STABILITY
+-0.003 ppm/day / +-0.5 ppm/first year / +-3 ppm/10 years
+-0.02 ppm / load changement of +-5 %
+-0.02 ppm / supply voltage changement of +-5 %
-40/+100°C
+-0.5 ppm <3 minutes
+-0.001 ppm/day / +-0.1 ppm/first year / +-0.5 ppm/10 years
PHASE NOISE
-80 dBc/Hz
-140 dBc/Hz
-145 dBc/Hz
+-0.1 ppm for AT-CUT
+-0.5 ppm for AT-CUT
+-0.3 ppm for SC-CUT
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
0/+50°C ~ -40/+75°C
+-0.05 ppm for SC-CUT
+-0.2 ppm for AT-CUT
+-0.1 ppm for SC-CUT
WARM-UP TIME
+-0.03 ppm <3 minutes
FREQUENCY CONTROL RANGE
+-1.0 ppm
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
PETERMANN
TECHNIK
Time & Frequency Components


Podobny numer części - OCXO-25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PETERMANN-TECHNIK
OCXO-25 PETERMANN-OCXO-25_15 Datasheet
696Kb / 3P
High reliability for low cost
OCXO-25_SMD PETERMANN-OCXO-25_SMD Datasheet
782Kb / 3P
nHigh reliability for low cost
More results

Podobny opis - OCXO-25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PETERMANN-TECHNIK
HC-49US PETERMANN-HC-49US Datasheet
145Kb / 2P
HIGH RELIABILITY FOR LOW COST
CXOF PETERMANN-CXOF Datasheet
140Kb / 2P
HIGH RELIABILITY FOR LOW COST
M2150 PETERMANN-M2150 Datasheet
130Kb / 2P
HIGH RELIABILITY FOR LOW COST
DPS PETERMANN-DPS Datasheet
122Kb / 2P
HIGH RELIABILITY FOR LOW COST
M4500 PETERMANN-M4500 Datasheet
135Kb / 3P
HIGH RELIABILITY FOR LOW COST TEMPERATURE STABILITY OF -1 PPM AVAILABLE
M4511 PETERMANN-M4511 Datasheet
137Kb / 3P
HIGH RELIABILITY FOR LOW COST TEMPERATURE STABILITY OF -1 PPM AVAILABLE
OC14 PETERMANN-OC14 Datasheet
72Kb / 2P
HIGH RELIABILITY FOR LOW COST FREQUENCY STABILITY TO -0.1 PPM
OCXO-20 PETERMANN-OCXO-20 Datasheet
24Kb / 2P
HIGH RELIABILITY FOR LOW COST AGING OF -0.001 PPM/DAY IN SMALL PACKAGE
OCXO-36 PETERMANN-OCXO-36 Datasheet
23Kb / 2P
HIGH RELIABILITY FOR LOW COST AGING OF -0.001 PPM/DAY IN COMPACT PACKAGE
TC18 PETERMANN-TC18 Datasheet
26Kb / 2P
HIGH RELIABILITY FOR LOW COST FREQUENCY STABILITY TO -1.0 PPM
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com