Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OCXO-25 Arkusz danych(PDF) 2 Page - PETERMANN-TECHNIK

Numer części OCXO-25
Szczegółowy opis  HIGH RELIABILITY FOR LOW COST AGING OF -0.001 PPM/DAY IN COMPACT PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PETERMANN [PETERMANN-TECHNIK]
Strona internetowa  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

OCXO-25 Arkusz danych(HTML) 2 Page - PETERMANN-TECHNIK

  OCXO-25 Datasheet HTML 1Page - PETERMANN-TECHNIK OCXO-25 Datasheet HTML 2Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TABLE 2 - OUTPUT WAVEFORM AND LOAD CHARACTERISTICS
OUTPUT
WAVEFORM
OUTPUT TYPE
CODE
FREQUENCY RANGE
OSCILLATION STATE
OUTPUT CHARACTERISTICS
CLIPPED
8.000 ~ 30.000 MHz
F: FUNDAMENTAL
Load: 10 k
Ω/10pF
SINE WAVE
10.000 ~ 100.000 MHz
O: OVERTONE
Output level: >1Vp-p
Load: max. 10 low power consumption TTL
"1" level: >+2.4 VDC / "0" level: <+0.2 VDC
Duty Cycle: 45/55% / Tr and Tf: <6ns
Load: max. 10 low power consumption
TTL/HCMOS gates
"1" level: >+4.5 VDC / "0" level: <+0.5 VDC
Duty Cycle: 45/55% / Tr and Tf: <6ns
Load: max. 10 low power consumption
TTL/ACMOS gates
"1" level: >+4.5 VDC / "0" level: <+0.5 VDC
Duty Cycle: 45/55% / Tr and Tf: <6ns
PART NUMBERING SYSTEM
EXAMPLE
TYPE
VCC
CRYSTAL CUT
FREQUENCY STABILTY
VS. TEMPERATURE
OUTPUT TYPE - FREQUENCY
5 for 5 Volt
A for AT-CUT
12 for 12 Volt
S for SC-CUT
OUTLINE DRAWING OF OCXO-25
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
OC25-5-S-D-2-10.000MHz
OC25
SEE TABLE 1
SEE TABLE 2 - FREQUENCY
ACMOS
3
1.000 ~ 30.000 MHz
10.000 ~ 100.000 MHz
F: FUNDAMENTAL
O: OVERTONE
F: FUNDAMENTAL
O: OVERTONE
HCMOS
2
1.000 ~ 30.000 MHz
10.000 ~ 100.000 MHz
F: FUNDAMENTAL
O: OVERTONE
0
TTL
1
1.000 ~ 30.000 MHz
10.000 ~ 100.000 MHz
PETERMANN
TECHNIK
Time & Frequency Components
#1
#4
#3
#2
9.50
#5
Connection
PIN
#1
#2
#3
#4
Power Supply
Output
Control Voltage/NC
Unit:mm
#5
Ground
Reference Voltage/NC
Note: Lead-Kovar
Finish - Ni Plated
19.0
24.5 SQ



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com