Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RFHCS362G Arkusz danych(PDF) 32 Page - Microchip Technology

Numer części RFHCS362G
Szczegółowy opis  KEELOQ짰 Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362G Arkusz danych(HTML) 32 Page - Microchip Technology

Back Button RFHCS362G_11 Datasheet HTML 28Page - Microchip Technology RFHCS362G_11 Datasheet HTML 29Page - Microchip Technology RFHCS362G_11 Datasheet HTML 30Page - Microchip Technology RFHCS362G_11 Datasheet HTML 31Page - Microchip Technology RFHCS362G_11 Datasheet HTML 32Page - Microchip Technology RFHCS362G_11 Datasheet HTML 33Page - Microchip Technology RFHCS362G_11 Datasheet HTML 34Page - Microchip Technology RFHCS362G_11 Datasheet HTML 35Page - Microchip Technology RFHCS362G_11 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
rfHCS362G/362F
DS41189B-page 32
© 2011 Microchip Technology Inc.
Note 1: Standard Operating Conditions (unless otherwise stated) TA = 25°C, RFEN = 1,
VDDRF = 3V, fTRANSMIT = 433.92 MHz
2: VPS is actual voltage on PS/DATAASK pin.
3: The Power Select circuitry contains an internal 20
μA current source. To ensure that the transmitter output
power is at the minimum when transmitting a DATAASK = 0 (VSSRF), select the value of resistor R2 such
that the voltage drop across it is less than 0.1 volts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54