Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RFHCS362G Arkusz danych(PDF) 4 Page - Microchip Technology

Numer części RFHCS362G
Szczegółowy opis  KEELOQ짰 Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362G Arkusz danych(HTML) 4 Page - Microchip Technology

  RFHCS362G_11 Datasheet HTML 1Page - Microchip Technology RFHCS362G_11 Datasheet HTML 2Page - Microchip Technology RFHCS362G_11 Datasheet HTML 3Page - Microchip Technology RFHCS362G_11 Datasheet HTML 4Page - Microchip Technology RFHCS362G_11 Datasheet HTML 5Page - Microchip Technology RFHCS362G_11 Datasheet HTML 6Page - Microchip Technology RFHCS362G_11 Datasheet HTML 7Page - Microchip Technology RFHCS362G_11 Datasheet HTML 8Page - Microchip Technology RFHCS362G_11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
rfHCS362G/362F
DS41189B-page 4
© 2011 Microchip Technology Inc.
Figure 1-3 shows how the key values in EEPROM are
used in the encoder. Once the encoder detects a button
press, it reads the button inputs and updates the syn-
chronization counter. The synchronization counter and
encryption key are input to the encryption algorithm
and the output is 32 bits of encrypted information. This
data will change with every button press, its value
appearing externally to ‘randomly hop around’, hence it
is referred to as the hopping portion of the code word.
The 32-bit hopping code is combined with the button
information and serial number to form the code word
transmitted to the receiver. The code word format is
explained in greater detail in Section 3.1.
A receiver may use any type of controller as a decoder,
but it is typically a microcontroller with compatible firm-
ware that allows the decoder to operate in conjunction
with
an
rfHCS362G/362F
based
transmitter.
Section 7.0
provides
detail
on
integrating
the
rfHCS362G/362F into a system.
A transmitter must first be ‘learned’ by the receiver
before its use is allowed in the system. Learning
includes calculating the transmitter’s appropriate
encryption key, decrypting the received hopping code
and storing the serial number, synchronization counter
value and encryption key in EEPROM.
In normal operation, each received message of valid
format is evaluated. The serial number is used to deter-
mine if it is from a learned transmitter. If from a learned
transmitter, the message is decrypted and the synchro-
nization counter is verified. Finally, the button status is
checked to see what operation is requested. Figure 1-4
shows the relationship between some of the values
stored by the receiver and the values received from
the transmitter.
FIGURE 1-2:
CREATION AND STORAGE OF ENCRYPTION KEY DURING PRODUCTION
Transmitter
Manufacturer’s
Serial Number
Code
Encryption
Key
Key
Generation
Algorithm
Serial Number
Encryption Key
Sync Counter
.
.
.
rfHCS362
Production
Programmer
EEPROM Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54