Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TCS1200 Arkusz danych(PDF) 1 Page - Microsemi Corporation

Numer części TCS1200
Szczegółowy opis  1200 Watts, 53 Volts Pulsed Avionics at 1030 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TCS1200 Arkusz danych(HTML) 1 Page - Microsemi Corporation

  TCS1200_09 Datasheet HTML 1Page - Microsemi Corporation TCS1200_09 Datasheet HTML 2Page - Microsemi Corporation TCS1200_09 Datasheet HTML 3Page - Microsemi Corporation TCS1200_09 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein. Visit
our web site at www.microsemi.com or contact our factory direct.
TCS1200
1200 Watts, 53 Volts
Pulsed Avionics at 1030 MHz
GENERAL DESCRIPTION
The TCS1200 is a high power COMMON BASE bipolar transistor.
It is
designed for pulsed systems at 1030 MHz, with the pulse width and duty
required for TCAS applications. The device has gold thin-film metalization and
emitter ballasting for proven highest MTTF. The transistor includes input and
output prematch for broadband capability.
Low thermal resistance package
reduces junction temperature, extends life.
CASE OUTLINE
55TU-1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation
Device Dissipation @ 25
°C1
2095 W
Maximum Voltage and Current
Collector to Base Voltage (BVces)
65 V
Emitter to Base Voltage (BVebo)
3.5 V
Collector Current (Ic)
60 A
Maximum Temperatures
Storage Temperature
-65 to +200
°C
Operating Junction Temperature
+200
°C
ELECTRICAL CHARACTERISTICS @ 25
°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Power Out
Pulse Width = 32
µs
1200
W
Pg
Power Gain
Duty Factor = 2%
10.2
dB
η
c
Collector Efficiency
45
%
RL
Return Loss
-10
dB
Tr
Rise Time
100
ns
Pd
Pulse Droop
0.5
dB
VSWR
Load Mismatch Tolerance
1
F = 1030 MHz, Vcc = 53 Volts
Pin = 115 Watts
2.5:1
FUNCTIONAL CHARACTERISTICS @ 25
°C
BVebo
Emitter to Base Breakdown
Ie = 40 mA
3.5
V
BVces
Collector to Emitter Breakdown
Ic = 100 mA
65
V
hFE
DC – Current Gain
Vce = 5V, Ic = 1A
20
θjc1
Thermal Resistance
0.012
°C/W
Rev B April, 2009
NOTES:
1.
At rated output power and pulse conditions
2.
See plots below for Mode S data at 50V as well as the standard 32us,2% data at 53V


Podobny numer części - TCS1200_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
TCS1200 MICROSEMI-TCS1200 Datasheet
157Kb / 2P
1200 Watts, 53 Volts Pulsed Avionics at 1030 MHz
More results

Podobny opis - TCS1200_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TCS800 ETC-TCS800 Datasheet
19Kb / 2P
800 Watts, 50 Volts, Pulsed Avionics 1030 MHz
TPR400 ETC-TPR400 Datasheet
271Kb / 3P
400 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Advanced Power Technolo...
10502 ADPOW-10502 Datasheet
866Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
MDS1100 ADPOW-MDS1100 Datasheet
104Kb / 4P
1100 Watts, 50 Volts Pulsed Avionics at 1030 MHz
logo
GHz Technology
TCS450 GHZTECH-TCS450 Datasheet
142Kb / 2P
450 Watts, 45 Volts, Pulsed Avionics 1030 MHz
TPR500A GHZTECH-TPR500A Datasheet
274Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Microsemi Corporation
TCS1200 MICROSEMI-TCS1200 Datasheet
157Kb / 2P
1200 Watts, 53 Volts Pulsed Avionics at 1030 MHz
10502 MICROSEMI-10502 Datasheet
141Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
MDS150 MICROSEMI-MDS150_10 Datasheet
216Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
New Jersey Semi-Conduct...
TPR175 NJSEMI-TPR175 Datasheet
86Kb / 1P
175 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com