Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TCS1200 Arkusz danych(PDF) 2 Page - Microsemi Corporation

Numer części TCS1200
Szczegółowy opis  1200 Watts, 53 Volts Pulsed Avionics at 1030 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TCS1200 Arkusz danych(HTML) 2 Page - Microsemi Corporation

  TCS1200_09 Datasheet HTML 1Page - Microsemi Corporation TCS1200_09 Datasheet HTML 2Page - Microsemi Corporation TCS1200_09 Datasheet HTML 3Page - Microsemi Corporation TCS1200_09 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein. Visit
our web site at www.microsemi.com or contact our factory direct.
TCS1200
32us,2% (1030MHz , 53V)
0
200
400
600
800
1000
1200
1400
1600
30
40
50
60
70
80
90
100
110
120
130
140
150
Pin(W)
TCS1200
32us,2% (1030MHz, 53V)
8.00
8.50
9.00
9.50
10.00
10.50
30
40
50
60
70
80
90
100
110
120
130
140
150
Pin(W)
TCS1200



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com