Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP49 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części TIP49
Szczegółowy opis  High Voltage NPN Silicon Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP49 Arkusz danych(HTML) 1 Page - ON Semiconductor

  TIP49 Datasheet HTML 1Page - ON Semiconductor TIP49 Datasheet HTML 2Page - ON Semiconductor TIP49 Datasheet HTML 3Page - ON Semiconductor TIP49 Datasheet HTML 4Page - ON Semiconductor TIP49 Datasheet HTML 5Page - ON Semiconductor TIP49 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2010
April, 2010 − Rev. 8
1
Publication Order Number:
TIP47/D
TIP47G, TIP48G, TIP50G
High Voltage NPN Silicon
Power Transistors
This series is designed for line operated audio output amplifier,
SWITCHMODE
t power supply drivers and other switching
applications.
Features
• 250 V to 400 V (Min) − VCEO(sus)
• 1 A Rated Collector Current
• Popular TO−220 Plastic Package
• These Devices are Pb−Free and are RoHS Compliant*
MAXIMUM RATINGS
Rating
Symbol TIP47 TIP48 TIP50
Unit
Collector − Emitter Voltage
VCEO
250
300
400
Vdc
Collector − Base Voltage
VCB
350
400
500
Vdc
Emitter − Base Voltage
VEB
5.0
Vdc
Collector Current
− Continuous
− Peak
IC
1.0
2.0
Adc
Base Current
IB
0.6
Adc
Total Power Dissipation
@ TC = 25_C
Derate above 25_C
PD
40
0.32
W
W/_C
Total Power Dissipation
@ TC = 25_C
Derate above 25_C
PD
2.0
0.016
W
W/_C
Unclamped Inducting Load
Energy (See Figure 8)
E
20
mJ
Operating and Storage
Junction Temperature Range
TJ, Tstg
−65 to +150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Case
RqJC
3.125
°C/W
Thermal Resistance,
Junction−to−Ambient
RqJA
62.5
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
1.0 AMPERE
POWER TRANSISTORS
NPN SILICON
250−300− 400 VOLTS
40 WATTS
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
TO−220AB
CASE 221A
STYLE 1
MARKING
DIAGRAM
1
2
3
4
TIPxx
= Device Code
xx
= 47, 48, or 50
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
TIPxxG
AYWW


Podobny numer części - TIP49

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP49 MOSPEC-TIP49 Datasheet
130Kb / 3P
POWER TRANSISTORS(1.0A,250-400V,40W)
logo
Motorola, Inc
TIP49 MOTOROLA-TIP49 Datasheet
199Kb / 6P
POWER TRANSISTORS NPN SILICON
logo
ON Semiconductor
TIP49 ONSEMI-TIP49 Datasheet
199Kb / 6P
POWER TRANSISTORS NPN SILICON
1995 REV 1
logo
Power Innovations Ltd
TIP49 POINN-TIP49 Datasheet
119Kb / 7P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP49 STMICROELECTRONICS-TIP49 Datasheet
49Kb / 4P
SILICON NPN SWITCHING TRANSISTORS
Oct-1999
More results

Podobny opis - TIP49

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BUV46 STMICROELECTRONICS-BUV46 Datasheet
47Kb / 4P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
Jan-1999
logo
Boca Semiconductor Corp...
2N6497 BOCA-2N6497 Datasheet
185Kb / 4P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Continental Device Indi...
CSD1426F CDIL-CSD1426F Datasheet
110Kb / 3P
NPN HIGH VOLTAGE SILICON POWER TRANSISTORS
logo
Motorola, Inc
2N6251 MOTOROLA-2N6251 Datasheet
99Kb / 6P
High Voltage NPN Silicon Power Transistors
logo
Comset Semiconductor
2N6249 COMSET-2N6249 Datasheet
387Kb / 3P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3439 NJSEMI-2N3439 Datasheet
144Kb / 1P
NPN SILICON HIGH VOLTAGE POWER TRANSISTORS
2N6249 NJSEMI-2N6249 Datasheet
137Kb / 3P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
2N6497 NJSEMI-2N6497 Datasheet
94Kb / 2P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
MJE3439 NJSEMI-MJE3439 Datasheet
87Kb / 2P
NPN Silicon High-Voltage Power Transistors
TIP48 NJSEMI-TIP48 Datasheet
83Kb / 2P
High Voltage NPN Silicon Power Transistors
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com