Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N5321 Arkusz danych(PDF) 1 Page - Micro Commercial Components

Numer części 2N5321
Szczegółowy opis  Medium Power Silicon NPN Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N5321 Arkusz danych(HTML) 1 Page - Micro Commercial Components

  2N5321 Datasheet HTML 1Page - Micro Commercial Components 2N5321 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N5321
Medium Power
Silicon NPN
Planar Transistor
Features
VCEO=50V
ICM=2A
Ptot=1.0W (Tamb=25
)
Rth(jc)max=17.5
OC/W, Rth(ja)max = 175OC/W
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage(IB=0)
50
V
VCBO
Collector-Base Voltage(IE=0)
75
V
VEBO
Emitter-Base Voltage(IC=0)
5.0
V
IC
Collector Current
1200
mA
TJ
Operating Junction Temperature
-65 to +200
OC
TSTG
Storage Temperature
-65 to +200
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO*
Collector-Emitter Breakdown Voltage
(IC=10mA, IB=0)
50
---
V
ICBO
Collector-Base Cut-off Current
(VCB=60V, IE=0)
---
5.0
uA
IEBO
Emitter-Base Cut-off Current
(VEB=4.0V, IC=0)
---
0.5TYP
uA
ON CHARACTERISTICS
hFE*
DC CURRENT
GAIN
(IC=0.5A, VCE=4V)
40
250
---
VCE(sat)*
Collector-Emitter Saturation Voltage
(IC=500mA, IB=50mA)
---
0.8
V
fT
Transistion Frequency
(VCE=4V, IC=0.05A, f=10MHZ)
50
---
MHZ
TON
Turn-On Time
(IC=500mA Vcc=30V IB1=50mA)
TOFF
Turn-Off Time
(Ic=500mA Vcc=30V Ib1=-Ib2=50mA)
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.335
.370
8.509
9.40
-
B
C
-----
.260
D
.50
-----
12.7
-----
E
.200
5.08
-7<3
F
.029
.045
7.366
11.43
G
-----
.050
-----
1.27
H
.009
.031
0.229
7.874
J
44°
46°
44°
46°
K
.028
.034
0.711
0.864
L
.016
.021
0.406
0.533
TO-39
Revision: A
2011/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
TM
Micro Commercial Components
VCEV
Collector-Emitter Voltage(VBE=1.5v)
75
V
V(BR)CEV
Collector-Emitter Breakdown Voltage
(IC=0.1mA, VBE=1.5V))
75
---
V
VBE(Note 2)
Base-Emitter Voltage
(IC=500mA, Vce=4V)
---
1.4
V
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=0.1mA, IC=0)
5.0
---
V
ns
800
-----
6.60
8.50
-----
.334
-
-----
-----
F
.029
.045
7.366
11.43
G
-----
.050
-----
1.27
H
.009
.031
0.229
7.874
K
.028
.034
0.711
0.864
L
.016
.021
0.406
0.533
80
ns
OC
www.mccsemi.com
1 of 2
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
2.Pulsed: Pulse duration = 300us, duty cycle = 1 %


Podobny numer części - 2N5321

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
2N5321 STMICROELECTRONICS-2N5321 Datasheet
67Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Jun-1997
logo
Fairchild Semiconductor
2N5321 FAIRCHILD-2N5321 Datasheet
345Kb / 11P
10 Watt NPN-PNP Silicon Power
logo
Boca Semiconductor Corp...
2N5321 BOCA-2N5321 Datasheet
75Kb / 2P
SWITCHING TRANSISTORS (NPN SILICON)
logo
Central Semiconductor C...
2N5321 CENTRAL-2N5321 Datasheet
56Kb / 1P
Small Signal Transistors
logo
List of Unclassifed Man...
2N5321 ETC-2N5321 Datasheet
347Kb / 8P
Power Transistors
More results

Podobny opis - 2N5321

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zetex Semiconductors
BCW66 ZETEX-BCW66 Datasheet
39Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BCX41 ZETEX-BCX41 Datasheet
47Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR42 ZETEX-BSR42 Datasheet
34Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR43 ZETEX-BSR43 Datasheet
34Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491 ZETEX-FCX491 Datasheet
16Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491A ZETEX-FCX491A Datasheet
16Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT755 ZETEX-FZT755 Datasheet
88Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BC639 ZETEX-BC639 Datasheet
25Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
GTM CORPORATION
GMBT1036 GTM-GMBT1036 Datasheet
486Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
FMMT449 BILIN-FMMT449 Datasheet
195Kb / 4P
NPN Silicon Planar Medium Power Transistor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com