| Zakładka z wyszukiwarką danych komponentów |
|
ACT8342 Arkusz danych(PDF) 5 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT8342 Arkusz danych(HTML) 5 Page - Active-Semi, Inc |
|
5 / 17 page ![]() ACT8342 Rev 3, 11-Sep-09 Innovative PowerTM - 5 - www.active-semi.com Copyright © 2008 Active-Semi, Inc. ActivePMUTM is a trademark of Active-Semi. : Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may affect device reliability. ABSOLUTE MAXIMUM RATINGS PARAMETER VALUE UNIT SW1 to GP1, INL, VP1, OUT1, OUT2, OUT3, ON1, ON2, ON3, nMSTR, nRSTO, nIRQ, REFBP to GA -0.3 to +6 V SW1 to VP1 -6 to +0.3 V GP1 to GA -0.3 to +0.3 V Junction to Ambient Thermal Resistance (θJA) 33 °C/W Operating Temperature Range -40 to 85 °C Junction Temperature 125 °C Storage Temperature -55 to 150 °C Lead Temperature (Soldering, 10 sec) 300 °C |