Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

463LP5E Arkusz danych(PDF) 4 Page - Hittite Microwave Corporation

Numer części 463LP5E
Szczegółowy opis  GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITTITE [Hittite Microwave Corporation]
Strona internetowa  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

463LP5E Arkusz danych(HTML) 4 Page - Hittite Microwave Corporation

  463LP5E Datasheet HTML 1Page - Hittite Microwave Corporation 463LP5E Datasheet HTML 2Page - Hittite Microwave Corporation 463LP5E Datasheet HTML 3Page - Hittite Microwave Corporation 463LP5E Datasheet HTML 4Page - Hittite Microwave Corporation 463LP5E Datasheet HTML 5Page - Hittite Microwave Corporation 463LP5E Datasheet HTML 6Page - Hittite Microwave Corporation 463LP5E Datasheet HTML 7Page - Hittite Microwave Corporation 463LP5E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 4
Absolute Maximum Ratings
Drain Bias Voltage (Vdd)
+9V
Gate Bias Voltage (Vgg1)
-2 to 0V
Gate Bias Current (igg1)
2.5 mA
Gate Bias Voltage (Vgg2)(AGC)
(Vdd -9) Vdc to +2V
rf input power (rfiN)(Vdd = +5V)
+18 dBm
Channel Temperature
150 °C
Continuous pdiss (T= 85 °C)
(derate 19.1 mw/°C above 85 °C)
1.24 w
Thermal resistance
(channel to ground paddle)
52.3 °C/w
storage Temperature
-65 to +150 °C
operating Temperature
-40 to +85 °C
Vdd (V)
idd (mA)
+4.5
58
+5.0
60
+5.5
62
Typical Supply Current vs. Vdd
Gain @ Several Control Voltages (Vgg2)
-12
-7
-2
3
8
13
18
0
2
4
6
8
10
12
14
16
18
20
22
Vgg2 = -1.3V
Vgg2 = -1.2V
Vgg2 = -1.1V
Vgg2 = -1.0V
Vgg2 = -0.9V
Vgg2 = -0.8V
Vgg2 = -0.6V
Vgg2 = -0.4V
Vgg2 = -0.2V
Vgg2 = 0V
FREQUENCY (GHz)
eleCTrosTATiC seNsiTiVe DeViCe
oBserVe HANDliNG preCAUTioNs
HMC463LP5 / 463LP5E
v08.0511
GaAs pHEMT MMIC LOW NOISE
AGC AMPLIFIER, 2 - 20 GHz



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com