Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

463LP5E Arkusz danych(PDF) 3 Page - Hittite Microwave Corporation

Numer części 463LP5E
Szczegółowy opis  GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITTITE [Hittite Microwave Corporation]
Strona internetowa  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

463LP5E Arkusz danych(HTML) 3 Page - Hittite Microwave Corporation

  463LP5E Datasheet HTML 1Page - Hittite Microwave Corporation 463LP5E Datasheet HTML 2Page - Hittite Microwave Corporation 463LP5E Datasheet HTML 3Page - Hittite Microwave Corporation 463LP5E Datasheet HTML 4Page - Hittite Microwave Corporation 463LP5E Datasheet HTML 5Page - Hittite Microwave Corporation 463LP5E Datasheet HTML 6Page - Hittite Microwave Corporation 463LP5E Datasheet HTML 7Page - Hittite Microwave Corporation 463LP5E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 3
P1dB vs. Temperature
Psat vs. Temperature
Output IP3 vs. Temperature
Gain, Power & Noise Figure
vs. Supply Voltage @ 10 GHz, Fixed Vgg1
Gain, P1dB & Output IP3
vs. Control Voltage @ 10 GHz
Noise Figure & Supply Current
vs. Control Voltage @ 10 GHz
6
10
14
18
22
26
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-40C
FREQUENCY (GHz)
6
10
14
18
22
26
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-40C
FREQUENCY (GHz)
14
17
20
23
26
29
32
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-40C
FREQUENCY (GHz)
6
8
10
12
14
16
18
20
22
24
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
4.5
5
5.5
Gain
P1dB
Psat
NOISE FIGURE
Vdd (V)
20
25
30
35
40
45
50
55
60
65
70
75
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-1.4 -1.2
-1
-0.8 -0.6 -0.4 -0.2
0
0.2
0.4
0.6
0.8
1
Idd
NOISE FIGURE
Vgg2 (V)
-4
0
4
8
12
16
20
24
28
32
-1.4 -1.2
-1
-0.8 -0.6 -0.4 -0.2
0
0.2
0.4
0.6
0.8
1
Gain
P1dB
IP3
Vgg2 (V)
HMC463LP5 / 463LP5E
v08.0511
GaAs pHEMT MMIC LOW NOISE
AGC AMPLIFIER, 2 - 20 GHz



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com