Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJE16004 Arkusz danych(PDF) 2 Page - Inchange Semiconductor Company Limited

Numer części MJE16004
Szczegółowy opis  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJE16004 Arkusz danych(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJE16004 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJE16004 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MJE16004 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
MJE16004
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=100mA; IB=0
450
V
VCEsat-1
Collector-emitter saturation voltage
IC=1.5A ;IB=0.15A
1.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=3A ;IB=0.3A
TC=100℃
2.5
2.5
V
VBEsat
Base-emitter saturation voltage
IC=3A ;IB=0.3A
TC=100℃
1.5
1.5
V
ICEV
Collector cut-off current
VCEV=850V; VBE=1.5V
TC=100℃
0.25
1.5
mA
IEBO
Emitter cut-off current
VEB=6V; IC=0
1.0
mA
hFE
DC current gain
IC=5A ; VCE=5V
7
COB
Collector outoput capacitance
IE=0 ; VCB=10V;f=1.0kHz
200
pF
Switching times resistive load,Duty Cycle≤2.0%,Pulse Width=30μs
td
Delay time
0.1
μs
tr
Rise time
0.3
μs
ts
Storage time
2.7
μs
tf
Fall time
VCC=250V ,IC=3A
IB1=0.3A; IB2=0.6A
0.35
μs



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com