Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJE16004 Arkusz danych(PDF) 1 Page - Inchange Semiconductor Company Limited

Numer części MJE16004
Szczegółowy opis  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJE16004 Arkusz danych(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJE16004 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJE16004 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MJE16004 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
MJE16004
DESCRIPTION
・With TO-220 package
・High voltage ,high speed
APPLICATIONS
・Switching regulators
・High resolution deflection circuits
・Inverters
・Motor drives
PINNING
PIN
DESCRIPTION
1
Base
2
Collector
3
Emitter
Absolute maximum ratings(Tc=25)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
850
V
VCEO
Collector-emitter voltage
Open base
450
V
VEBO
Emitter-base voltage
Open collector
6
V
IC
Collector current (DC)
5
A
ICM
Collector current-Peak
10
A
IB
Base current
4
A
IBM
Base current-Peak
8
A
PD
Total power dissipation
TC=25℃
80
W
Tj
Junction temperature
150
Tstg
Storage temperature
-65~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-C
Thermal resistance junction to case
1.56
℃/W


Podobny numer części - MJE16004

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
MJE16004 MOSPEC-MJE16004 Datasheet
190Kb / 4P
POWER TRANSISTORS(5A,450V,80W)
logo
Motorola, Inc
MJE16004 MOTOROLA-MJE16004 Datasheet
425Kb / 10P
5.0 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 80 WATTS
logo
ON Semiconductor
MJE16004 ONSEMI-MJE16004 Datasheet
425Kb / 10P
NPN SILICON POWER TRANSISTORS
1995 REV 2
logo
Savantic, Inc.
MJE16004 SAVANTIC-MJE16004 Datasheet
99Kb / 3P
Silicon NPN Power Transistors
MJE16004 SAVANTIC-MJE16004 Datasheet
101Kb / 3P
Silicon NPN Power Transistors
More results

Podobny opis - MJE16004

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com