| Zakładka z wyszukiwarką danych komponentów |
|
LSM330DL Arkusz danych(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM330DL Arkusz danych(HTML) 45 Page - STMicroelectronics |
|
45 / 54 page ![]() LSM330DL Registers description Doc ID 022018 Rev 1 45/54 7.35 FIFO_CTRL_REG_G (2Eh) 7.36 FIFO_SRC_REG_G (2Fh) Table 85. FIFO_CTRL_REG_G register FM2 FM1 FM0 WTM4 WTM3 WTM2 WTM1 WTM0 Table 86. FIFO_CTRL_REG_G register description FM2-FM0 FIFO mode selection. Default value: 00 (see Table 40: FIFO mode configuration WTM4-WTM0 FIFO threshold. Watermark level setting Table 87. FIFO mode configuration FM2 FM1 FM0 FIFO mode 000Bypass mode 001FIFO mode 010Stream mode 011Stream-to-FIFO mode 100Bypass-to-Stream mode Table 88. FIFO_SRC_REG_G register WTM OVRN EMPTY FSS4 FSS3 FSS2 FSS1 FSS0 Table 89. FIFO_SRC_REG_G register description WTM Watermark status. (0: FIFO filling is lower than WTM level; 1: FIFO filling is equal or higher than WTM level) OVRN Overrun bit status. (0: FIFO is not completely filled; 1:FIFO is completely filled) EMPTY FIFO empty bit. ( 0: FIFO not empty; 1: FIFO empty) FSS4-FSS1 FIFO stored data level |