| Zakładka z wyszukiwarką danych komponentów |
|
LSM330DL Arkusz danych(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM330DL Arkusz danych(HTML) 46 Page - STMicroelectronics |
|
46 / 54 page ![]() Registers description LSM330DL 46/54 Doc ID 022018 Rev 1 7.37 INT1_CFG_G (30h) This is the configuration register for the interrupt source. Table 90. INT1_CFG_G register AND/OR LIR ZHIE ZLIE YHIE YLIE XHIE XLIE Table 91. INT1_CFG_G description AND/OR AND/OR combination of interrupt events. Default value: 0 (0: OR combination of interrupt events 1: AND combination of interrupt events LIR Latch Interrupt Request. Default value: 0 (0: interrupt request not latched; 1: interrupt request latched) Cleared by reading INT1_SRC_G reg. ZHIE Enable interrupt generation on Z high event. Default value: 0 (0: disable interrupt request; 1: enable interrupt request on measured accel. value higher than preset threshold) ZLIE Enable interrupt generation on Z low event. Default value: 0 (0: disable interrupt request; 1: enable interrupt request on measured accel. value lower than preset threshold) YHIE Enable interrupt generation on Y high event. Default value: 0 (0: disable interrupt request; 1: enable interrupt request on measured accel. value higher than preset threshold) YLIE Enable interrupt generation on Y low event. Default value: 0 (0: disable interrupt request; 1: enable interrupt request on measured accel. value lower than preset threshold) XHIE Enable interrupt generation on X high event. Default value: 0 (0: disable interrupt request; 1: enable interrupt request on measured accel. value higher than preset threshold) XLIE Enable interrupt generation on X low event. Default value: 0 (0: disable interrupt request; 1: enable interrupt request on measured accel. value lower than preset threshold) |