Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

QBVW033A0B_1109 Arkusz danych(PDF) 5 Page - Lineage Power Corporation

Numer części QBVW033A0B_1109
Szczegółowy opis  QBVW033A0B Series Power Modules; DC-DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINEAGEPOWER [Lineage Power Corporation]
Strona internetowa  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBVW033A0B_1109 Arkusz danych(HTML) 5 Page - Lineage Power Corporation

  QBVW033A0B_1109 Datasheet HTML 1Page - Lineage Power Corporation QBVW033A0B_1109 Datasheet HTML 2Page - Lineage Power Corporation QBVW033A0B_1109 Datasheet HTML 3Page - Lineage Power Corporation QBVW033A0B_1109 Datasheet HTML 4Page - Lineage Power Corporation QBVW033A0B_1109 Datasheet HTML 5Page - Lineage Power Corporation QBVW033A0B_1109 Datasheet HTML 6Page - Lineage Power Corporation QBVW033A0B_1109 Datasheet HTML 7Page - Lineage Power Corporation QBVW033A0B_1109 Datasheet HTML 8Page - Lineage Power Corporation QBVW033A0B_1109 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet
September 23, 2011
QBVW033A0B Series Power Modules; DC-DC Converters
36-75Vdc Input; 12Vdc Output; 33A Output Current
LINEAGE POWER
5
Characteristic Curves, 12Vdc Output
The following figures provide typical characteristics for the QBVW033A0B (12V, 33A) at 25ºC. The figures are identical for
either positive or negative Remote On/Off logic.
INPUT VOLTAGE, VO (V)
OUTPUT CURRENT, IO (A)
Figure 1. Typical Input Characteristic.
Figure 2. Typical Converter Efficiency vs. Output
Current.
TIME, t (2
s/div)
TIME, t (500 μs/div)
Figure 3. Typical Output Ripple and Noise, Io = Io,max.
Figure 4. Typical Transient Response to 0.1A/µs
Step Change in Load from 50% to 75% to 50% of
Full Load, Co=470µF and 48 Vdc Input.
TIME, t (20 ms/div)
TIME, t (5 ms/div)
Figure 5. Typical Start-Up Using Vin with Remote
On/Off enabled, negative logic version shown.
Figure 6. Typical Start-Up Using Remote On/Off
with Vin applied, negative logic version shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com