Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

QBVW033A0B_1109 Arkusz danych(PDF) 6 Page - Lineage Power Corporation

Numer części QBVW033A0B_1109
Szczegółowy opis  QBVW033A0B Series Power Modules; DC-DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINEAGEPOWER [Lineage Power Corporation]
Strona internetowa  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBVW033A0B_1109 Arkusz danych(HTML) 6 Page - Lineage Power Corporation

Back Button QBVW033A0B_1109 Datasheet HTML 2Page - Lineage Power Corporation QBVW033A0B_1109 Datasheet HTML 3Page - Lineage Power Corporation QBVW033A0B_1109 Datasheet HTML 4Page - Lineage Power Corporation QBVW033A0B_1109 Datasheet HTML 5Page - Lineage Power Corporation QBVW033A0B_1109 Datasheet HTML 6Page - Lineage Power Corporation QBVW033A0B_1109 Datasheet HTML 7Page - Lineage Power Corporation QBVW033A0B_1109 Datasheet HTML 8Page - Lineage Power Corporation QBVW033A0B_1109 Datasheet HTML 9Page - Lineage Power Corporation QBVW033A0B_1109 Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Data Sheet
September 23, 2011
QBVW033A0B Series Power Modules; DC-DC Converters
36-75Vdc Input; 12Vdc Output; 33A Output Current
LINEAGE POWER
6
Characteristic Curves, 12Vdc Output (continued)
.
INPUT VOLTAGE, Vin (V)
OUTPUT CURRENT, IO (A)
Figure 7. Typical Output Voltage Regulation vs. Input
Voltage.
Figure 8. Typical Output Voltage Regulation vs.
Output Current.
INPUT VOLTAGE, Vin (V)
OUTPUT CURRENT, IO (A)
Figure 9. Typical Output Voltage Regulation vs. Input
Voltage for the –P Version.
Figure 10. Typical Output Voltage Regulation vs.
Output Current for the –P Version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com