Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD6657ABBCZ Arkusz danych(PDF) 31 Page - Analog Devices

Numer części AD6657ABBCZ
Szczegółowy opis  Quad IF Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD6657ABBCZ Arkusz danych(HTML) 31 Page - Analog Devices

Back Button AD6657ABBCZ Datasheet HTML 27Page - Analog Devices AD6657ABBCZ Datasheet HTML 28Page - Analog Devices AD6657ABBCZ Datasheet HTML 29Page - Analog Devices AD6657ABBCZ Datasheet HTML 30Page - Analog Devices AD6657ABBCZ Datasheet HTML 31Page - Analog Devices AD6657ABBCZ Datasheet HTML 32Page - Analog Devices AD6657ABBCZ Datasheet HTML 33Page - Analog Devices AD6657ABBCZ Datasheet HTML 34Page - Analog Devices AD6657ABBCZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Data Sheet
AD6657A
Rev. 0 | Page 31 of 36
MEMORY MAP REGISTER TABLE
All address and bit locations that are not included in Table 13 are not currently supported for this device.
Table 13. Memory Map Registers
Addr.
(Hex)
Register
Name
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
(Hex)
Comments
Chip Configuration Registers
0x00
SPI port
configuration
(global)
Open
LSB first
Soft reset
1
1
Soft reset
LSB first
Open
0x18
Nibbles are
mirrored so
that LSB first
or MSB first
mode is set
correctly,
regardless of
shift mode.
To control
this register,
all channel
index bits in
Register 0x05
must be set.
0x01
Chip ID
(global)
8-bit chip ID, Bits[7:0]
AD6657A = 0x7B (default)
0x7B
Read only.
Channel Index and Transfer Registers
0x05
Channel
index
Enable
output
port for
Channel C
and
Channel D
Enable
output
port for
Channel A
and
Channel B
Open
Open
Channel D
enable
Channel C
enable
Channel B
enable
Channel A
enable
0xCF
Bits are set to
determine
which
channel on
the chip
receives the
next write
command;
applies to
local
registers.
0xFF
Transfer
Open
Open
Open
Open
Open
Open
Open
SW
transfer
1 = on
0 = off
(default)
0x00
Synchro-
nously
transfers
data from
the master
shift register
to the slave.
ADC Function Registers
0x08
Power modes
Open
Open
External
power-
down pin
function
(global)
0 = full
power-
down
1 =
standby
Open
Open
Open
Internal power-down
mode (local)
00 = normal operation
(default)
01 = full power-down
10 = standby
0x00
Determines
generic
modes of
chip opera-
tion.
0x0B
Clock divide
(global)
Open
Open
Clock divide phase
000 = 0 input clock cycles delayed
001 = 1 input clock cycle delayed
010 = 2 input clock cycles delayed
Clock divide ratio
000 = divide by 1
001 = divide by 2
010 = divide by 3
011 = divide by 4
100 = divide by 5
101 = divide by 6
110 = divide by 7
111 = divide by 8
0x00
0x0C
Shuffle mode
(local)
Open
Open
Open
Open
Open
Open
Shuffle mode enable
00 = shuffle disabled
01 = shuffle enabled
0x01
Enables or
disables
shuffle
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36