| Zakładka z wyszukiwarką danych komponentów |
|
AD6657ABBCZ Arkusz danych(PDF) 24 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD6657ABBCZ Arkusz danych(HTML) 24 Page - Analog Devices |
|
24 / 36 page ![]() AD6657A Data Sheet Rev. 0 | Page 24 of 36 DIGITAL OUTPUTS The AD6657A output drivers are configured to interface with LVDS outputs using a DRVDD supply voltage of 1.8 V. The output bits are DDR LVDS as shown in Figure 2. Applications that require the ADC to drive large capacitive loads or large fanouts may require external buffers or latches. As described in the AN-877 Application Note, Interfacing to High Speed ADCs via SPI, the data format can be selected for offset binary or twos complement when using the SPI control. TIMING The AD6657A provides latched data with a latency of nine clock cycles. Data outputs are available one propagation delay (tPD) after the rising edge of the clock signal. Minimize the length of the output data lines and minimize the loads placed on them to reduce transients within the AD6657A because these transients can degrade converter dynamic per- formance. The lowest typical conversion rate of the AD6657A is 40 MSPS. At clock rates below 40 MSPS, dynamic performance can degrade. Data Clock Output (DCO) The AD6657A provides a data clock output (DCO) signal intended for capturing the data in an external register. The output data for Channel A and Channel C is valid when DCO is high; the output data for Channel B and Channel D is valid when DCO is low (see Figure 2). Table 11. Output Data Format Input (V) Condition (V) Offset Binary Output Mode Twos Complement Mode VIN+ − VIN− < −VREF − 0.5 LSB 000 0000 0000 100 0000 0000 VIN+ − VIN− = −VREF 000 0000 0000 100 0000 0000 VIN+ − VIN− = 0 100 0000 0000 000 0000 0000 VIN+ − VIN− = +VREF − 1.0 LSB 111 1111 1111 011 1111 1111 VIN+ − VIN− > +VREF − 0.5 LSB 111 1111 1111 011 1111 1111 |