Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9557/PCBZ Arkusz danych(PDF) 47 Page - Analog Devices

Numer części AD9557/PCBZ
Szczegółowy opis  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Arkusz danych(HTML) 47 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 43Page - Analog Devices AD9557/PCBZ Datasheet HTML 44Page - Analog Devices AD9557/PCBZ Datasheet HTML 45Page - Analog Devices AD9557/PCBZ Datasheet HTML 46Page - Analog Devices AD9557/PCBZ Datasheet HTML 47Page - Analog Devices AD9557/PCBZ Datasheet HTML 48Page - Analog Devices AD9557/PCBZ Datasheet HTML 49Page - Analog Devices AD9557/PCBZ Datasheet HTML 50Page - Analog Devices AD9557/PCBZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
Data Sheet
AD9557
Rev. A | Page 47 of 92
CS
SCLK
SDIO
tHIGH
tLOW
tCLK
tS
tDS
tDH
tC
BIT N
BIT N + 1
Figure 48. Serial Control Port Timing—Write
Table 28. Serial Control Port Timing
Parameter
Description
tDS
Setup time between data and the rising edge of SCLK
tDH
Hold time between data and the rising edge of SCLK
tCLK
Period of the clock
Setup time between the CS falling edge and the SCLK rising edge (start of the communication cycle)
tS
Setup time between the SCLK rising edge and CS rising edge (end of the communication cycle)
tC
tHIGH
Minimum period that SCLK should be in a logic high state
tLOW
Minimum period that SCLK should be in a logic low state
tDV
SCLK to valid SDIO and SDO (see Figure 46)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92