Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9557/PCBZ Arkusz danych(PDF) 91 Page - Analog Devices

Numer części AD9557/PCBZ
Szczegółowy opis  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Arkusz danych(HTML) 91 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 84Page - Analog Devices AD9557/PCBZ Datasheet HTML 85Page - Analog Devices AD9557/PCBZ Datasheet HTML 86Page - Analog Devices AD9557/PCBZ Datasheet HTML 87Page - Analog Devices AD9557/PCBZ Datasheet HTML 88Page - Analog Devices AD9557/PCBZ Datasheet HTML 89Page - Analog Devices AD9557/PCBZ Datasheet HTML 90Page - Analog Devices AD9557/PCBZ Datasheet HTML 91Page - Analog Devices AD9557/PCBZ Datasheet HTML 92Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 91 / 92 page
background image
Data Sheet
AD9557
Rev. A | Page 91 of 92
Table 125. Multifunction Pin Input Functions (D7 = 0)
Register Value
Input Function
Equivalent Control Register
0x00
Reserved, high-Z input
0x01
I/O update
Register 0x0005, Bit 0
0x02
Full power-down
Register 0x0A00, Bit 0
0x03
Clear watchdog
Register 0x0A03, Bit 0
0x04
Clear all IRQs
Register 0x0A03, Bit 1
0x05
Tuning word history reset
Register 0x0A03, Bit 2
0x06 to 0x0E
Reserved
0x10
User holdover
Register 0x0A01, Bit 6
0x11
User free run
Register 0x0A01, Bit 5
0x12
Reset incremental phase offset
Register 0x0A0A, Bit 2
0x13
Increment incremental phase offset
Register 0x0A0A, Bit 0
0x14
Decrement incremental phase offset
Register 0x0A0A, Bit 1
0x15 to 0x1F
Reserved
0x20
Override Reference Monitor A
Register 0x0A0C, Bit 0
0x21
Override Reference Monitor B
Register 0x0A0C, Bit 1
0x22 to 0x2F
Reserved
0x30
Force Validation Timeout A
Register 0x0A0B, Bit 0
0x31
Force Validation Timeout B
Register 0x0A0B, Bit 1
0x32 to 0x3F
Reserved
0x40
Enable OUT0
Register 0x0501, Bit 0
0x41
Enable OUT1
Register 0x0505, Bit 0
0x42 to 0x45
Reserved
0x46
Enable OUT0 and OUT1
Register 0x0501 and Register 0x0505, Bit 0
0x47
Sync clock distribution outputs
Register 0x0A02, Bit 1
0x48 to 0xFF
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92