| Zakładka z wyszukiwarką danych komponentów |
|
SSM2518CBZ-R7 Arkusz danych(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
SSM2518CBZ-R7 Arkusz danych(HTML) 16 Page - Analog Devices |
|
16 / 48 page ![]() SSM2518 Data Sheet Rev. A | Page 16 of 48 TYPICAL APPLICATION CIRCUIT 100nF *OPTIONAL FOR APPLICATIONS WITH >20cm SPEAKER CABLE. SSM2518 4.7µF PVDD 2.5V TO 5.5V C3 470pF 2.2kΩ 2.2kΩ C4 470pF FB4 FB3 C1 470pF C2 470pF FB2 FB1 * 100nF AUDIO PROCESSOR SYSTEM MICROCONTROLLER DVDD 1.62V TO 3.6V 1.35V TO 5.5V GND ADDR SAMOD SD SCL MCLK LRCLK BCLK OUTL+ OUTL– OUTR+ OUTR– SDATA SDA Figure 24. Typical Application Circuit Using I2C Configuration |