Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTC4211 Arkusz danych(PDF) 25 Page - Linear Technology

Numer części LTC4211
Szczegółowy opis  Hot Swap Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTC4211 Arkusz danych(HTML) 25 Page - Linear Technology

Back Button LTC4211_12 Datasheet HTML 21Page - Linear Technology LTC4211_12 Datasheet HTML 22Page - Linear Technology LTC4211_12 Datasheet HTML 23Page - Linear Technology LTC4211_12 Datasheet HTML 24Page - Linear Technology LTC4211_12 Datasheet HTML 25Page - Linear Technology LTC4211_12 Datasheet HTML 26Page - Linear Technology LTC4211_12 Datasheet HTML 27Page - Linear Technology LTC4211_12 Datasheet HTML 28Page - Linear Technology LTC4211_12 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
LTC4211
25
4211fb
APPLICATIONS INFORMATION
A more elaborate connection sense scheme is shown in
Figure 16. The bases of Q1 and Q2 are wired to short pins
located on opposite ends of the edge connector because
the installation/removal of printed circuit cards gener-
ally requires rocking the card back and forth. When VCC
makes connection, the bases of transistors Q1 and Q2
are pulled high, biasing them ON. When either one of
them is ON, the LTC4211’s ON pin is held low, keeping
the LTC4211 OFF. When both the short base connector
+
VCC
RESET
SENSE
ON
R5
15k
LTC4211
GATE
FB
8
7
6
5
4211 F13
1
2
4
3
CTIMER
10nF
GND
TIMER
R4
36k
VOUT
5V
5A
Q1
Si4410DY
RSENSE
0.007Ω
COUT
R6
10k
Z1*
Z1 = 1SMA10A OR SMAJ10A
* OPTIONAL
R1
10Ω
C1
0.1μF
R2
10k
VIN
5V
SHORT
LONG
5V
VCC
RESET
LONG
PCB EDGE
CONNECTOR
(MALE)
SHORT
BACKPLANE
CONNECTOR
(FEMALE)
+
VCC
SENSE
ON
R2
100k
RESET
LTC4211
GATE
FB
7
8
6
1
5
Z1 = 1SMA10A OR SMAJ10A
* OPTIONAL
4211 F14
2
4
3
CTIMER
10nF
R3
10k
GND
TIMER
RESET
VOUT
5V
5A
Q1
Si4410DY
RSENSE
0.007Ω
COUT
R1
36k
R4
10k
R5
10k
PCB
CONNECTION
SENSE
RX
10Ω
CX
0.1μF
Z1*
VIN
5V
SHORT
LONG
SHORT
PCB EDGE
CONNECTOR
(MALE)
LONG
SHORT
BACKPLANE
CONNECTOR
(FEMALE)
Q2
R7
15k
pins of Q1 and Q2 finally mate to the backplane, their
bases are grounded, biasing the transistors OFF. The
ON pin voltage is then pulled high by R3 enabling the
LTC4211 and a power-up cycle begins.
A software-initiated power-down cycle can be started by
momentarily driving transistor M1 with a logic high signal.
This in turn will drive the LTC4211’s ON pin low. If the ON
pin is held low for more than 8μs, the LTC4211’s GATE
pin is switched to ground.
Figure 13. Hot Swap Controller On Daughter Board (Staggered Pin Connections)
Figure 14. Hot Swap Controller on Backplane (Staggered Pin Connections)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com