Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTC4211 Arkusz danych(PDF) 28 Page - Linear Technology

Numer części LTC4211
Szczegółowy opis  Hot Swap Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTC4211 Arkusz danych(HTML) 28 Page - Linear Technology

Back Button LTC4211_12 Datasheet HTML 24Page - Linear Technology LTC4211_12 Datasheet HTML 25Page - Linear Technology LTC4211_12 Datasheet HTML 26Page - Linear Technology LTC4211_12 Datasheet HTML 27Page - Linear Technology LTC4211_12 Datasheet HTML 28Page - Linear Technology LTC4211_12 Datasheet HTML 29Page - Linear Technology LTC4211_12 Datasheet HTML 30Page - Linear Technology LTC4211_12 Datasheet HTML 31Page - Linear Technology LTC4211_12 Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
LTC4211
28
4211fb
APPLICATIONS INFORMATION
1
VCC
TIMER
GATE
RESET
VCC – VSENSE
FILTER
VOUT
23
5
6
7
4
B
8
SLOW COMPARATOR ARMED
FAST COMPARATOR ARMED
tOFF
t1
t2
tFILTER
tOFF
VREF
>50mV
GATE
VFB < VREF
VOUT
FPD
tRESET
VSENSE = 50mV
REGULATED
LOAD CURRENT
10μA
4211 F19
2μA
ON/FAULT
ON/FAULT
DUTY CYCLE =
(tFILTER << t1, t2 AND tOFF)
t2
tOFF + t1 + t2
To increase the RC delay, the user may either increase
CAUTO or RAUTO. However, increasing CAUTO > 2μF will
actually limit the RC delay due to the reset sink-current
capability of the FAULT pin. Therefore, in order to increase
the RC delay, it is more effective to either increase RAUTO
or to put a bleed resistor in parallel with CAUTO to GND.
For example, increasing RAUTO in Figure 18 from 1M to
3.2M decreases the duty cycle to 0.8%.
HOT SWAPPING TWO SUPPLIES
Using two external pass transistors, the LTC4211 can
switch two supply voltages. In some cases, it is necessary
to bring up the dominant supply first during power-up but
ramp them down together during the power-down phase.
The circuit in Figure 20 shows how to program two dif-
ferent delays for the pass transistors. The 5V supply is
powered up first. R1 and C3 are used to set the rise and
fall times on the 5V supply. Next, the 3.3V supply ramps
up with 20ms delay set by R6 and C2. On the falling edge,
both supplies ramp down together because D1 and D2
bypass R1 and R6.
OVERVOLTAGE TRANSIENT PROTECTION
Good engineering practice calls for bypassing the supply
rail of any analog circuit. Bypass capacitors are often placed
at the supply connection of every active device, in addition
to one or more large value bulk bypass capacitors per sup-
ply rail. If power is connected abruptly, the large bypass
capacitors slow the rate of rise of the supply voltage and
heavily damp any parasitic resonance of lead or PC track
inductance working against the supply bypass capacitors.
The opposite is true for LTC4211 Hot Swap circuits mounted
on plug-in cards. In most cases, there is no supply bypass
capacitor present on the powered supply voltage side of
the MOSFET switch. An abrupt connection, produced by
Figure 19. Autoretry Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com