| Zakładka z wyszukiwarką danych komponentów |
|
MPC5744P Arkusz danych(PDF) 37 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P Arkusz danych(HTML) 37 Page - Freescale Semiconductor, Inc |
|
37 / 114 page ![]() Pinouts MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 37 F[12] MSCR[92] 0000 (Default) GPIO[92] SIUL2-GPIO[92] General Purpose IO F[12] I/O 106 130 D17 0001 ETC3 eTimer_1 eTimer_1 Input/Output Data Channel 3 I/O 0010-0011 - Reserved - - 0100 A1 FlexPWM_1 FlexPWM_1 Channel A Input 1 I/O 0101-1111 - Reserved - - IMCR[109] 0001 A1 FlexPWM_1 FlexPWM_1 Channel A Input 1 I IMCR[203] 0001 REQ30 SIUL2 SIUL2 External Interrupt Source 30 I F[13] MSCR[93] 0000 (Default) GPIO[93] SIUL2-GPIO[93] General Purpose IO F[13] I/O 112 137 A15 0001 ETC4 eTimer_1 eTimer_1 Input/Output Data Channel 4 I/O 0010-0011 - Reserved - - 0100 B1 FlexPWM_1 FlexPWM_1 Channel B Input/Output 1 I/O 0101-1111 - Reserved - - IMCR[110] 0001 B1 FlexPWM_1 FlexPWM_1 Channel B Input 1 I IMCR[204] 0001 REQ31 SIUL2 SIUL2 External Interrupt Source 31 I F[14] MSCR[94] 0000 (Default) GPIO[94] SIUL2-GPIO[94] General Purpose IO F[14] I/O 115 142 D12 0001 TXD LIN1 LINFlexD 1 Transmit Pin O 0010 TXD CAN2 CAN 2 Transmit Pin O 0011-1111 - Reserved - - F[15] MSCR[95] 0000 (Default) GPIO[95] SIUL2-GPIO[95] General Purpose IO F[15] I/O 113 140 A13 0001 - Reserved - - 0010-1111 - Reserved - - IMCR[166] 0011 RXD LIN1 LIN1 RXD I IMCR[34] 0001 RXD CAN2 CAN2 RXD I Table 7. Pin Muxing (continued) Port Pin SIUL2 MSCR/ IMCR Number MSCR/ IMCR SSS Value Signal Module Short Signal Description Dir |