| Zakładka z wyszukiwarką danych komponentów |
|
MPC5744P Arkusz danych(PDF) 43 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P Arkusz danych(HTML) 43 Page - Freescale Semiconductor, Inc |
|
43 / 114 page ![]() Pinouts MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 43 I[0] MSCR[128] 0000 (Default) GPIO[128] SIUL2-GPIO[128] General Purpose IO I[0] I/O 155 C6 0001 ETC0 eTimer_2 eTimer_2 Input/Output Data Channel 0 I/O 0010 CS4 DSPI0 DSPI 0 Peripheral Chip Select 4 O 0011-1111 - Reserved - - IMCR[100] 0001 FAULT0 FlexPWM_1 FlexPWM_1 Fault Input 0 I I[1] MSCR[129] 0000 (Default) GPIO[129] SIUL2-GPIO[129] General Purpose IO I[1] I/O 44 T3 0001 ETC1 eTimer_2 eTimer_2 Input/Output Data Channel 1 I/O 0010 CS5 DSPI0 DSPI 0 Peripheral Chip Select 5 O 0011-1111 - Reserved - - IMCR[101] 0001 FAULT1 FlexPWM_1 FlexPWM_1 Fault Input 1 I I[2] MSCR[130] 0000 (Default) GPIO[130] SIUL2-GPIO[130] General Purpose IO I[2] I/O 146 D11 0001 ETC2 eTimer_2 eTimer_2 Input/Output Data Channel 2 I/O 0010 CS6 DSPI0 DSPI 0 Peripheral Chip Select 6 O 0011-1111 - Reserved - - IMCR[102] 0001 FAULT2 FlexPWM_1 FlexPWM_1 Fault Input 2 I I[3] MSCR[131] 0000 (Default) GPIO[131] SIUL2-GPIO[131] General Purpose IO I[3] I/O 147 A10 0001 ETC3 eTimer_2 eTimer_2 Input/Output Data Channel 3 I/O 0010 CS7 DSPI0 DSPI 0 Peripheral Chip Select 7 O 0011 EXT_TGR CTU_0 CTU0 External Trigger Output O 0100-1111 - Reserved - - IMCR[103] 0001 FAULT3 FlexPWM_1 FlexPWM_1 Fault Input 3 I Table 7. Pin Muxing (continued) Port Pin SIUL2 MSCR/ IMCR Number MSCR/ IMCR SSS Value Signal Module Short Signal Description Dir |