| Zakładka z wyszukiwarką danych komponentów |
|
TNETX15VE Arkusz danych(PDF) 46 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX15VE Arkusz danych(HTML) 46 Page - Texas Instruments |
|
46 / 113 page ![]() TNETX15VE VLAN-ENGINE ADDRESS-LOOKUP DEVICE SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997 46 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 port VLANID assignment registers, VLANID at 0x78–0x7F (DIO) BYTE 3 BYTE 2 BYTE 1 BYTE 0 DIO ADDRESS VLANID1 0x78 0x7C VLANID2 0x80 0x84 VLANID3 0x88 0x8C VLANID4 0x90 0x94 VLANID5 0x98 0x9C VLANID6 0xA0 0xA4 VLANID7 0xA8 0xAC VLANID8 0xB0 0xB4 VLANID9 0xB8 0xBC VLANID10 0xC0 0xC4 VLANID11 0xC8 0xCC VLANID12 0xD0 0xD4 VLANID13 0xD8 0xDC VLANID14 0xE0 0xE4 The VLANID registers are used to assign a particular VLAN to ports 01 through 14. Eight bytes are reserved for each port. Their format for the VLANID registers is: BIT 7 6 5 4 3 2 1 0 Reserved VLANID Initial Values After Reset 0 0 0 0 0 0 0 0 All VLANIDs default to 0x0 on a reset. These registers are automatically loaded from the EEPROM in a hardware reset (RESET = 0 or when DIO address high is 0x40) or when the LOAD bit in the control register is set. |