| Zakładka z wyszukiwarką danych komponentów |
|
TNETX15VE Arkusz danych(PDF) 67 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX15VE Arkusz danych(HTML) 67 Page - Texas Instruments |
|
67 / 113 page ![]() TNETX15VE VLAN-ENGINE ADDRESS-LOOKUP DEVICE SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997 67 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION DIO interface The DIO interface is asynchronous to allow easy adaptation to a range of microprocessor devices and computer system interfaces. The DIO interface is designed to operate from the same bus as the TNETX3150/TNETX3150A DIO interface. Thus, both devices are accessed using the same DIO read and write routines. Each device is selected for DIO reads and writes through independent chip-select signals. Chip select for the TNETX3150/TNETX3150A is named SCS, while chip select for the TNETX15VE is named ESCS. Figure 13 shows how the TNETX15VE and the TNETX3150/TNETX3150A share the DIO interface. Microprocessor TNETX3150/TNETX3150A EINT TNETX15VE SDATA7–SDATA0 SAD1–SAD0 SRNW SRDY ESCS SCS Figure 13. DIO Interface Bus |