Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XTNETA1622DW Arkusz danych(PDF) 27 Page - Texas Instruments

Numer części XTNETA1622DW
Szczegółowy opis  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1622DW Arkusz danych(HTML) 27 Page - Texas Instruments

Back Button XTNETA1622DW Datasheet HTML 23Page - Texas Instruments XTNETA1622DW Datasheet HTML 24Page - Texas Instruments XTNETA1622DW Datasheet HTML 25Page - Texas Instruments XTNETA1622DW Datasheet HTML 26Page - Texas Instruments XTNETA1622DW Datasheet HTML 27Page - Texas Instruments XTNETA1622DW Datasheet HTML 28Page - Texas Instruments XTNETA1622DW Datasheet HTML 29Page - Texas Instruments XTNETA1622DW Datasheet HTML 30Page - Texas Instruments XTNETA1622DW Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
segmentation operation (continued)
The host interface on the TNETA1570 is a PCI interface with a selectable 64-bit or 32-bit address/data bus. The
boundaries of the data structures contained in host memory must be set to either 64 or 32 bits, depending upon
the configuration selected. The control-memory interface is a 32-bit interface and all data structures in control
memory contain 32-bit entries. The host interface on the TNETA1570 is responsible for ensuring the proper data
formatting within the limitations set for transactions between host memory and control memory and for host
accesses of internal registers.
scheduler table
Addressing
Control-memory address 00000 − 00CF7. An autonomous counter points to the
entries sequentially, thereby initiating the segmentation engine.
Addressing
Control-memory address 00000 − 00CF7. An autonomous counter points to the
entries sequentially, thereby initiating the segmentation engine.
Size
Max logical entries: 6200
Max 32-bit words:
3100
Min logical entries: 2
Min 32-bit words:
1
The scheduler table is located in control memory. It contains the order in which the transmit DMA channels are
serviced. This structure consists of 3100 32-bit words with two 16-bit entries per word, providing for a maximum
of 6200 entries. Only ten of the 16 bits in each entry are used, allowing for the simultaneous segmentation of
1023 packets. A zero entry means that no cell is transmitted during this cell opportunity. If a zero is detected,
the entry is skipped and the next entry is examined immediately. The scheduler table is initialized by the host
at startup.
ENTRY
DESCRIPTION
Word 0
Reserved (bits 31 − 26)
Entry 1 (bits 25 − 16)
Reserved (bits 15 − 10)
Entry 0 (bits 9 − 0)
Word N
Reserved (bits 31 − 26)
Entry 2N + I (bits 25 − 16)
Reserved (bits 15 − 10)
Entry 2N (bits 9 − 0)
Word 3099
Reserved (bits 31 − 26)
Entry 6199 (bits 25 − 16)
Reserved (bits 15 − 10)
Entry 6198 (bits 9 − 0)
NOTE: This table may be modified dynamically. This means that during normal operation of the device, the host
may modify the contents of the table while the transmit section of the device is operational. The ability
to dynamically modify the contents of the scheduler table must be comprehended in the design.
The MSBs for the table entries are bits 25 and 9 , the LSBs for the table entries are bits 16 and 0. Allowed values
in the entry fields are 0 to 1023. The address to the TX DMA state-table-entry word 0 can be found by using
the following formula:
(index value)
× 8 entries × 4 bytes per entry + 8000h
transmit DMA state table
Addressing
Control-memory address 0201h − 3FFFh (normal memory map). The entries are
addressed using the scheduler-table-entry values.
Addressing
Control-memory address 0201h − 3FFFh (normal memory map). The entries are
addressed using the scheduler-table-entry values.
Size
Max logical entries: 1023
Max 32-bit words:
8184
Min logical entries: 1
Min 32-bit words:
8
The transmit DMA state table resides in control memory and contains 1023 states, allowing for the simultaneous
segmentation of 1023 packets. Each state entry contains eight 32-bit words. The transmit DMA state table has
several entries that must be initialized, including whether a particular state is on or off and the location of the
first data buffer for the first packet sent. Four of the eight words in the transmit DMA state table are copied from
the descriptor entry located at the start of each data buffer queued for segmentation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68