Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XTNETA1622DW Arkusz danych(PDF) 45 Page - Texas Instruments

Numer części XTNETA1622DW
Szczegółowy opis  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1622DW Arkusz danych(HTML) 45 Page - Texas Instruments

Back Button XTNETA1622DW Datasheet HTML 41Page - Texas Instruments XTNETA1622DW Datasheet HTML 42Page - Texas Instruments XTNETA1622DW Datasheet HTML 43Page - Texas Instruments XTNETA1622DW Datasheet HTML 44Page - Texas Instruments XTNETA1622DW Datasheet HTML 45Page - Texas Instruments XTNETA1622DW Datasheet HTML 46Page - Texas Instruments XTNETA1622DW Datasheet HTML 47Page - Texas Instruments XTNETA1622DW Datasheet HTML 48Page - Texas Instruments XTNETA1622DW Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
45
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
receive OAM-cell handling
The receive operation handles VP- and VC-level OAM cells. VC level OAM cells, which have a PTI value of 100,
101, 110, or 111, are routed to either receive DMA channel 0 or 1. VP-level OAM cells, which have a VCI value
of 3 or 4, are routed to receive DMA channel 2. These channels must be configured by software to handle a
counter-based transparent-AAL packet with a packet length of one cell. The assignment of the VP- and VC-level
OAM cells is shown below:
OAM CELL
RX DMA CHANNEL ASSIGNMENT
VC level with PTI = 10x
Channel 0
VC level with PTI = 11x
Channel 1
VP level with VCI = 3 or 4
Channel 2
In addition, the RX VPI/VCI DMA pointer table must not assign receive DMA channels 0 −2 for use in
reassembling incoming packets. OAM cells do not cause the RX unknown register and unknown-protocol
counter to be updated unless the VPI is not enabled or the RX DMA state table has the ON bit = 0 and
filter = 0. F4 OAMs (VP termination) are identified by VCI 3,4. As long as the VPI is enabled, the range is ignored
when identifying VCI 3,4 (the cells are always accepted). F5 OAMs (VC termination) are identified by
PTI = 4 or 5. As long as the VPI is enabled, the cells are accepted regardless of the VCI range. The ON bits
of the three dedicated OAM DMA channels should always be = 1. However, the TNETA1570 does not prohibit
the user from setting the ON bit = 0 to disable OAM reception.
reassembly-aging timer
The TNETA1570 provides a reassembly-aging-timer (RAT) mechanism for determining the time elapsed since
the start of AAL5 and PTI-based transparent packets and terminating their reassembly based on time-out values
programmed per VC.
control structures
The RAT function is enabled globally by the EN_RAT bit in the device-configuration register. The
reassembly-global-timer register (16 bits) and RAT-cycle-count register (15 bits) provide global control of this
function. The RAT control functions on a per-VC basis are the time-out value (12 bits) and the time-out count
(12 bits) in word 7 of the receive DMA state table entries.
There are four internal counters used for the RAT:
D The global-RAT timer. It decrements from the reassembly-global-timer-register value every PCI-clock
cycle. When it reaches zero, a global time-out is declared. A global time-out is an opportunity to age a single
VC.
D The RAT-cycle-count timer. It decrements from the RAT-cycle-count-register-value every global time-out.
When it reaches zero, the reassembly-aging timer is reset and a new global-timer cycle is started.
D The VCI increments. It starts at zero when the RAT-cycle-count timer is reset and increments every global
time-out until it reaches the max valid VCI value for the current VPI value.
D VPI increments. It starts at zero when the RAT-cycle-count timer is reset and increments every time the VCI
incrementer reaches the max VCI value for the VPI, or if the VPI value points to a VPI that is not enabled.
global timer
An internal global counter decrements its count starting at the reassembly-global-timer-register value on each
PCI-bus clock when the EN_RAT bit in the configuration register is set. For a 33-MHz PCI-bus clock, the 16-bit
counter counts to zero in 1.966 ms or less, depending on the reassembly-global-timer-register value. When the
timer reaches zero, a global time-out is declared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68