| Zakładka z wyszukiwarką danych komponentów |
|
STA321 Arkusz danych(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA321 Arkusz danych(HTML) 54 Page - STMicroelectronics |
|
54 / 157 page ![]() FFX STA321 54/157 Doc ID 15351 Rev 3 In particular, for the traditional schemes (binary, phase shift), and the new one (new phase shift modulation) the mode bits must be set according to Table 23 below. Figure 31. Modulation waveforms corresponding to Table 23 Table 23. Modulation type with register programming Register bit PWMOnCFG1.PM_nA Register bit PWMOnCFG2.PM_nB Resulting modulation 00 00 binary 01 01 10 10 phase shift 11 11 00 01 new phase shift 01 00 A: 10 B: 10 A-B A: 00 B: 01 A: 01 B: 01 A-B PWM mode Binary Phase shift New phase shift |