| Zakładka z wyszukiwarką danych komponentów |
|
STA321 Arkusz danych(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA321 Arkusz danych(HTML) 10 Page - STMicroelectronics |
|
10 / 157 page ![]() Pin description STA321 10/157 Doc ID 15351 Rev 3 2 Pin description Figure 2. Pin out Table 2. Pin list Pin Pull Name Type Description 1 - SCL In (digital), schmitt tr I2C serial clock, schmitt trigger input 3 - OUT1 Out (analog) HP/line-out PWM 1 6 - OUT2 Out (analog) HP/line-out PWM 2 9 - OUT3 Out (analog) HP/line-out PWM 3 11 - NC - Not connected 12 - PWM00 Out (digital) Auxiliary PWM 13 - NC - Not connected 14 - HPDET In (analog) Headphone detection SCL VCC1 OUT1 GND1 GND2 OUT2 VCC2 VCC3 OUT3 GND3 NC PWM00 NC HPDET GND33 VCC33 TM VDDIO2 VDD_REG2 DGND2 I2CDIS ACLK EAPDN EATSN EAFTN EAPWM1 EAPWM2 EAPWM3 EAPWM4 STBY RSTN INL1 STA321 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 |