Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STA339BW Arkusz danych(PDF) 20 Page - STMicroelectronics

Numer części STA339BW
Szczegółowy opis  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA339BW Arkusz danych(HTML) 20 Page - STMicroelectronics

Back Button STA339BW Datasheet HTML 16Page - STMicroelectronics STA339BW Datasheet HTML 17Page - STMicroelectronics STA339BW Datasheet HTML 18Page - STMicroelectronics STA339BW Datasheet HTML 19Page - STMicroelectronics STA339BW Datasheet HTML 20Page - STMicroelectronics STA339BW Datasheet HTML 21Page - STMicroelectronics STA339BW Datasheet HTML 22Page - STMicroelectronics STA339BW Datasheet HTML 23Page - STMicroelectronics STA339BW Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 77 page
background image
Processing data paths
STA339BW
20/77
Doc ID 15251 Rev 5
4
Processing data paths
The whole processing chain is composed of two consecutive sections. In the first one
dual-channel processing is implemented, as described below. Then each channel is fed into
the post-mixing block where there is a choice of processing, either the dual-band DRC is
disabled or it is enabled. When B2DRC is disabled a third channel, typically used in 2.1
output configuration and with cross-over filters enabled, is used. When B2DRC is enabled
the 2.0 output configuration with cross-over filters for defining the cutoff frequency of the two
bands is used.
The first section, Figure 7, begins with a 2x oversampling FIR filter allowing a 2 * fs audio
processing. Then a selectable high-pass filter removes the DC level (enabled if HFB = 0).
The channel 1 and 2 processing chain can include up to 8 filters, depending on the selected
configuration (bits BQL, BQ5, BQ6, BQ7 and XO[3:0]).
By default, four independent filters per channel are enabled, plus the preconfigured de-
emphasis, bass and treble controls (BQL = 0, BQ5 = 0, BQ6 = 0, BQ7 = 0).
If the coefficient sets are linked (BQL = 1) then it is possible to use the de-emphasis, bass
and treble filter in a user defined configuration (provided the relevant BQx bits are set to 1).
In other words both channels use the same processing coefficients and can have up to 7
filters each. Note that if BQL = 0 the BQx bits are ignored and the 5th, 6th and 7th filters are
configured as de-emphasis, bass and treble controls, respectively.
Moreover the common 8th filter, from the subsequent processing section, can be available
on both channels (provided the pre-defined cross-over frequencies are not used,
XO[3:0] = 0, and the dual-band DRC is not used).
In the second section, mixing and crossover filters are available. If B2DRC is not enabled
(lower schematic in Figure 8) they are fully user-programmable and allow a third channel
(2.1 outputs) to be generated. Alternatively, in B2DRC mode (upper schematic in Figure 8),
those blocks will be used to split the sub-band and define the cutoff frequencies of the two
bands. A prescaler and a final post scaler allow full control over the signal dynamics before
and after, respectively, the filtering stages. A mixer function is also available.
Figure 7.
Left and right processing part 1
From
I2S input
interface
PreScale
Pass
Filter
Biquad
#1
Biquad
#2
Biquad
#3
Biquad
#4
If HPB=0
User-defined filters
If DSPB=0 and C1EQBP=0
x2
FIR
over
L
Sampling
frequency = fs
Sampling
frequency = 2 * fs
Pre-scale
Hi-pass
filter
Biquad
#1
Biquad
#2
Biquad
#3
Biquad
#4
De-Emph.
If DEMP=0
x2
FIR
over
sampling
L
Bass
Treble
If C1TCB=0
BTC: bass boost/cut
TTC: treble boost/cut
PreScale
Pass
Filter
Biquad
#1
Biquad
#2
Biquad
#3
Biquad
#4
If HPB=0
User-defined filters
If DSPB=0 and C2EQBP=0
x2
FIR
over
L
Pre-scale
Hi-pass
filter
Biquad
#1
Biquad
#2
Biquad
#3
Biquad
#4
De-Emph.
If DEMP=0
x2
FIR
over
sampling
R
Bass
Treble
If C2TCB=0
BTC: bass boost/cut
TTC: treble boost/cut
If BQ5=1
and BQL=1
Biquad
#5
If BQ6=1
and BQL=1
Biquad
#6
IF BQ7=1
and BQL=1
Biquad
#7
If BQ5=1
and BQL=1
Biquad
#5
If BQ6=1
and BQL=1
Biquad
#6
IF BQ7=1
and BQL=1
Biquad
#7
From
I2S input
interface
PreScale
Pass
Filter
Biquad
#1
Biquad
#2
Biquad
#3
Biquad
#4
If HPB=0
User-defined filters
If DSPB=0 and C1EQBP=0
x2
FIR
over
L
Sampling
frequency = fs
Sampling
frequency = 2 * fs
Pre-scale
Hi-pass
filter
Biquad
#1
Biquad
#2
Biquad
#3
Biquad
#4
De-Emph.
If DEMP=0
x2
FIR
over
sampling
L
Bass
Treble
If C1TCB=0
BTC: bass boost/cut
TTC: treble boost/cut
PreScale
Pass
Filter
Biquad
#1
Biquad
#2
Biquad
#3
Biquad
#4
If HPB=0
User-defined filters
If DSPB=0 and C2EQBP=0
x2
FIR
over
L
Pre-scale
Hi-pass
filter
Biquad
#1
Biquad
#2
Biquad
#3
Biquad
#4
De-Emph.
If DEMP=0
x2
FIR
over
sampling
R
Bass
Treble
If C2TCB=0
BTC: bass boost/cut
TTC: treble boost/cut
If BQ5=1
and BQL=1
Biquad
#5
If BQ6=1
and BQL=1
Biquad
#6
IF BQ7=1
and BQL=1
Biquad
#7
If BQ5=1
and BQL=1
Biquad
#5
If BQ6=1
and BQL=1
Biquad
#6
IF BQ7=1
and BQL=1
Biquad
#7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77