| Zakładka z wyszukiwarką danych komponentów |
|
STA339BW Arkusz danych(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA339BW Arkusz danych(HTML) 48 Page - STMicroelectronics |
|
48 / 77 page ![]() Register description STA339BW 48/77 Doc ID 15251 Rev 5 6.8.3 AM interference frequency switching 6.8.4 Bass management crossover Table 56. AM interference frequency switching bits Bit R/W RST Name Description 0 R/W 0 AMAME Audio preset AM enable 0: switching frequency determined by PWMS setting 1: switching frequency determined by AMAM settings Table 57. Audio preset AM switching frequency selection AMAM[2:0] 48 kHz/96 kHz input fs 44.1 kHz/88.2 kHz input fs 000 0.535 MHz - 0.720 MHz 0.535 MHz - 0.670 MHz 001 0.721 MHz - 0.900 MHz 0.671 MHz - 0.800 MHz 010 0.901 MHz - 1.100 MHz 0.801 MHz - 1.000 MHz 011 1.101 MHz - 1.300 MHz 1.001 MHz - 1.180 MHz 100 1.301 MHz - 1.480 MHz 1.181 MHz - 1.340 MHz 101 1.481 MHz - 1.600 MHz 1.341 MHz - 1.500 MHz 110 1.601 MHz - 1.700 MHz 1.501 MHz - 1.700 MHz Table 58. Bass management crossover Bit R/W RST Name Description 4R/W 0 XO0 Selects the bass-management crossover frequency. A 1st-order hign-pass filter (channels 1 and 2) or a 2nd-order low-pass filter (channel 3) at the selected frequency is performed. 5R/W 0 XO1 6R/W 0 XO2 7R/W 0 XO3 Table 59. Bass management crossover frequency XO[3:0] Crossover frequency 0000 User-defined 0001 80 Hz 0010 100 Hz 0011 120 Hz 0100 140 Hz 0101 160 Hz 0110 180 Hz 0111 200 Hz 1000 220 Hz 1001 240 Hz |