Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS4999 Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części TS4999
Szczegółowy opis  Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4999 Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button TS4999 Datasheet HTML 4Page - STMicroelectronics TS4999 Datasheet HTML 5Page - STMicroelectronics TS4999 Datasheet HTML 6Page - STMicroelectronics TS4999 Datasheet HTML 7Page - STMicroelectronics TS4999 Datasheet HTML 8Page - STMicroelectronics TS4999 Datasheet HTML 9Page - STMicroelectronics TS4999 Datasheet HTML 10Page - STMicroelectronics TS4999 Datasheet HTML 11Page - STMicroelectronics TS4999 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Electrical characteristics
TS4999
8/36
tSTBY
Standby time
Standby time(2)
11
15.8
20
ms
VN
Output voltage noise
F = 20Hz to 20kHz, A-weighted,
Gain = 3.5dB
Filterless, 3D effect off, RL = 4Ω
Filterless, 3D effect on, RL = 4Ω
With LC output filter, 3D effect off, RL = 4Ω
With LC output filter, 3D effect on, RL = 4Ω
Filterless, 3D effect off, RL = 8Ω
Filterless, 3D effect on, RL = 8Ω
With LC output filter, 3D effect off, RL = 8Ω
With LC output filter, 3D effect on, RL = 8Ω
31
50
30
48
32
51
31
50
μVRMS
1.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the super-imposed sinus signal to VCC at f = 217 Hz
with fixed Cin cap (input decoupling capacitor).
2.
See Section 4.6: Wakeup (tWU) and shutdown (tSTBY) times on page 26.
Table 8.
VCC = +5 V, GND = 0 V, Tamb = 25° C (unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com