Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS4999 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części TS4999
Szczegółowy opis  Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4999 Arkusz danych(HTML) 1 Page - STMicroelectronics

  TS4999 Datasheet HTML 1Page - STMicroelectronics TS4999 Datasheet HTML 2Page - STMicroelectronics TS4999 Datasheet HTML 3Page - STMicroelectronics TS4999 Datasheet HTML 4Page - STMicroelectronics TS4999 Datasheet HTML 5Page - STMicroelectronics TS4999 Datasheet HTML 6Page - STMicroelectronics TS4999 Datasheet HTML 7Page - STMicroelectronics TS4999 Datasheet HTML 8Page - STMicroelectronics TS4999 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
December 2008
Rev 1
1/36
36
TS4999
Filter-free stereo 2.8 W class D audio power amplifier
with selectable 3D sound effects
Features
■ Operates from VCC = 2.4 to 5.5 V
■ Dedicated standby mode active low/channel
■ Output power per channel: 2.8 W at 5 V into
4
Ωwith 10% THD+N or 0.7 W at 3.6 V into 8 Ω
with 1% THD+N max.
■ Selectable 3D sound effect
■ Four gain setting steps: 3.5, 6, 9.5 and 12 dB
■ Low current consumption
■ PSSR: 63 dB typical at 217 Hz.
■ Fast start up phase: 7.8 ms
■ Short-circuit and thermal shutdown protection
■ Flip chip 18-bump lead-free package
Applications
■ Cellular phones
■
PDAs
■ Notebook PCs
Description
The TS4999 is a stereo fully-differential class D
power amplifier. It can drive up to 1.35 W into a
8
Ω load at 5 V per channel. The device has four
different gain settings utilizing two discrete pins,
G0 and G1.
Pop and click reduction circuitry provides low
on/off switch noise while allowing the device to
start within 8 ms. 3D enhancement effects are
selected through one digital input pin that allows
more amazing stereo audio sound.
Two standby pins (active low) allow each channel
to be switched off separately.
The TS4999 is available in a flip chip, 18-bump,
lead-free package.
Pin connections (top view)
Flip chip 18-bump package
LOUT+
LPVCC
ROUT-
RPVCC
STDBYL
G1
ROUT+
AGND
G0
PGND
STDBYR
LIN+
LIN-
RIN-
RIN+
3D
AVCC
LOUT-
LOUT+
LPVCC
ROUT-
RPVCC
STDBYL
G1
ROUT+
AGND
G0
PGND
STDBYR
LIN+
LIN-
RIN-
RIN+
3D
AVCC
LOUT-
www.st.com


Podobny numer części - TS4999

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TS4999EIJT STMICROELECTRONICS-TS4999EIJT Datasheet
721Kb / 36P
Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
18-Dec-2008
More results

Podobny opis - TS4999

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
2.8 W filter-free mono class D audio power amplifier
18-Jan-2010
STEVAL-CCA016V1 STMICROELECTRONICS-STEVAL-CCA016V1 Datasheet
103Kb / 5P
Filter-free stereo 2.8 W Class-D audio power amplifier demo board with selectable 3D sound effects based on the TS4999
11-Jun-2009
logo
Texas Instruments
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
logo
STMicroelectronics
TS4999EIJT STMICROELECTRONICS-TS4999EIJT Datasheet
721Kb / 36P
Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
18-Dec-2008
logo
Texas Instruments
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com