| Zakładka z wyszukiwarką danych komponentów |
|
SPC56EC74B3 Arkusz danych(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EC74B3 Arkusz danych(HTML) 62 Page - STMicroelectronics |
|
62 / 118 page ![]() Electrical Characteristics SPC564Bxx - SPC56ECxx 62/118 Doc ID 17478 Rev 4 Figure 6. Start-up reset requirements Figure 7. Noise filtering on reset signal VIL VDD_HV_A device reset forced by RESET VDDMIN RESET VIH device start-up phase VRESET VIL VIH VDD filtered by hysteresis filtered by lowpass filter WFRST WNFRST hw_rst ‘1’ ‘0’ filtered by lowpass filter WFRST unknown reset state device under hardware reset Table 22. Reset electrical characteristics Symbol C Parameter Conditions(1) Value(2) Unit Min Typ Max VIH SR P Input High Level CMOS (Schmitt Trigger) —0.65VDD —VDD +0.4 V VIL SR P Input low Level CMOS (Schmitt Trigger) — −0.3 — 0.35VDD V VHYS CC C Input hysteresis CMOS (Schmitt Trigger) —0.1VDD —— V |