Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPC56EC74B3 Arkusz danych(PDF) 23 Page - STMicroelectronics

Numer części SPC56EC74B3
Szczegółowy opis  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC74B3 Arkusz danych(HTML) 23 Page - STMicroelectronics

Back Button SPC56EC74B3 Datasheet HTML 19Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 20Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 21Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 22Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 23Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 24Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 25Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 26Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 118 page
background image
SPC564Bxx - SPC56ECxx
Package pinouts and signal descriptions
Doc ID 17478 Rev 4
23/118
PB[8]
PCR[24]
AF0
AF1
AF2
AF3
—
—
—
—
GPI[24]
—
—
—
ADC0_S[0]
ADC1_S[4]
WKPU[25]
OSC32k_XTAL(4)
SIUL
—
—
—
ADC_0
ADC_1
WKPU
SXOSC
I
—
—
—
I
I
I
I
I—
61
77
T11
PB[9](5)
PCR[25]
AF0
AF1
AF2
AF3
—
—
—
—
GPI[25]
—
—
—
ADC0_S[1]
ADC1_S[5]
WKPU[26]
OSC32k_EXTAL4
SIUL
—
—
—
ADC_0
ADC_1
WKPU
SXOSC
I
—
—
—
I
I
I
I
I—
60
76
T10
PB[10]
PCR[26]
AF0
AF1
AF2
AF3
—
—
—
GPIO[26]
SOUT_1
CAN3TX
—
ADC0_S[2]
ADC1_S[6]
WKPU[8]
SIUL
DSPI_1
FlexCAN_3
—
ADC_0
ADC_1
WKPU
I/O
O
—
—
I
I
I
STristate
62
78
N7
PB[11]
PCR[27]
AF0
AF1
AF2
AF3
—
GPIO[27]
E0UC[3]
—
CS0_0
ADC0_S[3]
SIUL
eMIOS_0
—
DSPI_0
ADC_0
I/O
I/O
—
I/O
I
S
Tristate
97
117
M13
PB[12]
PCR[28]
AF0
AF1
AF2
AF3
—
GPIO[28]
E0UC[4]
—
CS1_0
ADC0_X[0]
SIUL
eMIOS_0
—
DSPI_0
ADC_0
I/O
I/O
—
O
I
S
Tristate
101
123
L14
PB[13]
PCR[29]
AF0
AF1
AF2
AF3
—
GPIO[29]
E0UC[5]
—
CS2_0
ADC0_X[1]
SIUL
eMIOS_0
—
DSPI_0
ADC_0
I/O
I/O
—
O
I
S
Tristate
103
125
L15
Table 5.
Functional port pin descriptions (continued)
Port
pin
PCR
Function
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More