| Zakładka z wyszukiwarką danych komponentów |
|
STICE Arkusz danych(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STICE Arkusz danych(HTML) 4 Page - STMicroelectronics |
|
4 / 9 page ![]() Working environment STICE 4/9 Doc ID 13797 Rev 4 The free STM8 toolset provides all the software required to develop and debug applications with STice, and to program an application to a microcontroller. Software includes: ● STVD – Integrated development environment (IDE) that runs on the host PC connected to the emulator and allows users to edit, build and debug applications and then program them to the target STM8 microcontroller. STVD supports the full range of emulation and in-circuit debugging features for STice. It also offers a quick programming interface based on STVP, for programming microcontrollers without leaving STVD. ● STVP – Full-featured software programming interface that runs on the host PC connected to the emulator. Provides the full range of features for device programming including a project mode for saving programming configurations and automating programming sequences. Figure 2. In-circuit debugging/in-circuit programming configuration |