| Zakładka z wyszukiwarką danych komponentów |
|
STICE Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STICE Arkusz danych(HTML) 5 Page - STMicroelectronics |
|
5 / 9 page ![]() STICE Ordering STice Doc ID 13797 Rev 4 5/9 Ordering STice The STice emulation system is designed in a modular fashion so that you can order just the components that you need to emulate your target microcontroller. To help you order what you need, refer to Table 2 for a description of each component and to Table 3 for the list of accessories required for your microcontroller. Make sure to use the correct order codes. Table 2. Device contents Part numbers Order codes Contents Emulation system STICE STICE-SYSxxx(1) Includes emulator case with: – MEB, TEB and PEB(2) for a microcontroller sub-family – USB cable – Power supply – Trigger cables – Analyzer input cable Connection flex CF/Stice_Connect CF/FP60 60-pin connection cable for connection to the application board CF/FP120 120-pin connection cable for connection to the application board Connection adapter AD/Stice_Connect AD/xxxxxx-xxx(1) A connection adapter that is specific to your microcontroller’s package AD-ICD/ICP ICD/ICP adapter kit for STice Adapter socket AS/Stice_Connect AS/xxxxxxx(1) AS-DIP-SO A socket that is specific to your microcontroller’s package 1. Refer to Table 3: Connection accessories for STice systems for the order codes required for your microcontroller. 2. Peripheral emulation board (PEB) is provided only when required to emulate a specific sub-family of microcontrollers. |