Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMM151 Arkusz danych(PDF) 9 Page - Summit Microelectronics, Inc.

Numer części SMM151
Szczegółowy opis  Single-channel Voltage/Current Monitors and Voltage Marginers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUMMIT [Summit Microelectronics, Inc.]
Strona internetowa  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM151 Arkusz danych(HTML) 9 Page - Summit Microelectronics, Inc.

Back Button SMM151_10 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM151_10 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM151_10 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM151_10 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM151_10 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM151_10 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM151_10 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM151_10 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM151_10 Datasheet HTML 13Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
SMM151/152
Summit Microelectronics, Inc
2131 3.0 1/20/2010
9
I
2C 2-WIRE SERIAL INTERFACE AC OPERATING CHARACTERISTICS – 100kHz
TA= 0°C to +70°C, VDD = 2.7V to 5.5V unless otherwise noted. All voltages are relative to GND. See Figure 3 Timing
Diagram. Note 6.
Symbol
Description
Conditions
Min
Typ
Max
Units
fSCL
SCL Clock Frequency
0
100
KHz
tLOW
Clock Low Period
4.7
μs
tHIGH
Clock High Period
4.0
μs
tBUF
Bus Free Time
Before New Transmission, Note 5
4.7
μs
tSU:STA
Start Condition Setup Time
4.7
μs
tHD:STA
Start Condition Hold Time
4.0
μs
tSU:STO
Stop Condition Setup Time
4.7
μs
tAA
Clock Edge to Data Valid
SCL low to valid SDA (cycle n)
0.2
3.5
μs
tDH
Data Output Hold Time
SCL low (cycle n+1) to SDA
change
0.2
μs
tR
SCL and SDA Rise Time
Note 5
1000
ns
tF
SCL and SDA Fall Time
Note 5
300
ns
tSU:DAT
Data In Setup Time
250
ns
tHD:DAT
Data In Hold Time
0
ns
TI
Noise Filter SCL and SDA
Noise suppression
100
ns
tWR
Write Cycle Time
5
ms
Note 5: Not 100% Production tested. Guaranteed by Design and/or Characterization.
Note 6: All electrical parameters are guaranteed to function over the stated VDD, VCS and temperature range. Electrical parameters not specified as
"guaranteed by design" are tested with a VDD voltage required of the specific application. For example, if the device is to be operated at 3.3V and VCS
supply of 12V, it is tested with a VDD supply of 3.3V, +-10% and a VCS supply of 12V, +-10%.
TIMING DIAGRAMS
t
R
t
F
t
HIGH
t
LOW
t
SU:STA
t
HD:STA
t
SU:DAT
t
HD:DAT
t
SU:STO
t
BUF
t
DH
t
AA
SCL
SDA
(IN)
SDA
(OUT)
t
WR (For Write Operation Only)
Figure 3. Basic I
2C Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com