Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MHW903 Arkusz danych(PDF) 4 Page - Motorola, Inc

Numer części MHW903
Szczegółowy opis  3.5 W 890 to 915 MHz RF POWER AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHW903 Arkusz danych(HTML) 4 Page - Motorola, Inc

  MHW903 Datasheet HTML 1Page - Motorola, Inc MHW903 Datasheet HTML 2Page - Motorola, Inc MHW903 Datasheet HTML 3Page - Motorola, Inc MHW903 Datasheet HTML 4Page - Motorola, Inc MHW903 Datasheet HTML 5Page - Motorola, Inc MHW903 Datasheet HTML 6Page - Motorola, Inc MHW903 Datasheet HTML 7Page - Motorola, Inc MHW903 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MHW903 MHW953 MHW954
4
MOTOROLA RF DEVICE DATA
5
4
3
2
1
0
890
895
900
905
910
915
f, FREQUENCY (MHz)
Vs1 = Vs2 = Vs3 = 7.2 V
Vs1 = Vs2 = Vs3 = 6 V
Figure 5. Output Power versus Frequency
5
4
3
2
1
0
– 40
– 20
0
20
40
60
80
100
120
f = 890 MHz
915 MHz
TC, CASE TEMPERATURE (°C)
Pin = 1 mW
Vs1 = Vs2 = Vs3 = 7.2 V
Vb = 5 V
Vcont SET FOR Pout = 3.5 W @ TC = 25°C
Figure 6. Output Power versus Case Temperature
5
4
3
2
1
0
– 40
– 20
0
20
40
60
80
100
120
TC, CASE TEMPERATURE (°C)
f = 890 MHz
915 MHz
Pin = 1 mW
Vs1 = Vs2 = Vs3 = 7.2 V
Vb = 5 V
Vcont = 3 V (MAX)
Figure 7. Output Power versus Case Temperature
at Maximum Control Voltage
Pin = 1 mW
Vb = 5 V
Vcont = 3 V



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com